Electronic Components Datasheet Search
  English  ▼

X  

HTT1213E Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HTT1213E
Description  Silicon NPN Epitaxial Twin Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HTT1213E Datasheet(HTML) 1 Page - Renesas Technology Corp

  HTT1213E Datasheet HTML 1Page - Renesas Technology Corp HTT1213E Datasheet HTML 2Page - Renesas Technology Corp HTT1213E Datasheet HTML 3Page - Renesas Technology Corp HTT1213E Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev.1.00, Feb.07.2005, page 1 of 3
HTT1213E
Silicon NPN Epitaxial Twin Transistor
REJ03G0526-0100
(Previous ADE-208-1449(Z))
Rev.1.00
Feb.07.2005
Features
• Include 2 transistors in a small size SMD package: EMFPAK–6 (6 Leads: 1.2 x 0.8 x 0.5 mm)
Q1:
Equivalent
Buffer Transistor
Q2:
Equivalent
OSC Transistor
2SC5700
2SC5700
Outline
1. Collector Q1
2. Emitter Q1
3. Collector Q2
4. Base Q2
5. Emitter Q2
6. Base Q1
65
4
3
2
1
B1
E2
B2
C1
E1
C2
Pin Arrangement
Q1
Q2
PXSF0006LA-A
(Previous code: EMFPAK-6)
1
2
3
4
5
6
Note:
Marking is “E”.
Absolute Maximum Ratings
(Ta = 25°C)
Ratings
Item
Symbol
Q1 and Q2
Unit
Collector to base voltage
VCBO
15
V
Collector to emitter voltage
VCEO
4
V
Emitter to base voltage
VEBO
1.5
V
Collector current
IC
50
mA
Collector power dissipation
PC
Total 200*
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to
+150
°C
*Value on PCB. (FR–4(13 x 13 x 0.635 mm))


Similar Part No. - HTT1213E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HTT1213E HITACHI-HTT1213E Datasheet
247Kb / 4P
Silicon NPN Epitaxial Twin Transistor
More results

Similar Description - HTT1213E

ManufacturerPart #DatasheetDescription
logo
NEC
UPA827TF NEC-UPA827TF Datasheet
166Kb / 6P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA836TF NEC-UPA836TF Datasheet
79Kb / 11P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA836TC NEC-UPA836TC Datasheet
16Kb / 2P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
logo
California Eastern Labs
UPA831TC CEL-UPA831TC Datasheet
16Kb / 2P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
logo
NEC
UPA821TF NEC-UPA821TF Datasheet
40Kb / 6P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA837TF NEC-UPA837TF Datasheet
18Kb / 2P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA826TC NEC-UPA826TC_01 Datasheet
35Kb / 3P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA832TF NEC-UPA832TF_99 Datasheet
58Kb / 9P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA833TF NEC-UPA833TF_99 Datasheet
77Kb / 11P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
logo
Renesas Technology Corp
HTT1127E RENESAS-HTT1127E Datasheet
284Kb / 9P
Silicon NPN Epitaxial Twin Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com