Electronic Components Datasheet Search
  English  ▼

X  

HD74HC162 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74HC162
Description  Synchronous Decade Counter (Direct Clear)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC162 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74HC162 Datasheet HTML 1Page - Renesas Technology Corp HD74HC162 Datasheet HTML 2Page - Renesas Technology Corp HD74HC162 Datasheet HTML 3Page - Renesas Technology Corp HD74HC162 Datasheet HTML 4Page - Renesas Technology Corp HD74HC162 Datasheet HTML 5Page - Renesas Technology Corp HD74HC162 Datasheet HTML 6Page - Renesas Technology Corp HD74HC162 Datasheet HTML 7Page - Renesas Technology Corp HD74HC162 Datasheet HTML 8Page - Renesas Technology Corp HD74HC162 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Rev.2.00, Oct 11, 2005 page 1 of 14
HD74HC160/HD74HC161/HD74HC162/
HD74HC163
Synchronous Decade Counter (Direct Clear)
Synchronous 4-bit Binary Counter (Direct Clear)
Synchronous Decade Counter (Synchronous Clear)
Synchronous 4-bit Binary Counter (Synchronous Clear)
REJ03D0579-0200
(Previous ADE-205-455)
Rev.2.00
Oct 11, 2005
Description
The HD74HC160 and the HD74HC162 are 4 bit decade counters, and the HD74HC161 and the HD74HC163 are 4 bit
binary counters All flip-flops are clocked simultaneously on the low to high to transition (positive edge) of the clock
input waveform.
These counters may be preset using the load input. Presetting of all four flip-flops is synchronous to the rising edge of
clock. When load is held low counting is disabled and the data on the A, B, C, and D inputs is loaded into the counter
on the rising edge of clock. If the load input is taken high before the positive edge of clock the count operation will be
unaffected.
All of these counters may be cleared by the utilizing clear input. The clear function on the HD74HC162 and
HD74HC163 counters are synchronous to the clock. That is, the counters are cleared on the positive edge of clock
while the clear input is held low.
The HD74HC160 and HD74HC161 counters are cleared asynchronously. When the clear is taken low the counter is
cleared immediately regardless of the clock.
Two active high enable inputs Enable P and Enable T and a ripple carry output are provided to enable easy cascading of
counters. Both enable inputs must be high to count. The Enable T input also enables the Ripple Carry output. When
enabled, the Ripple Carry outputs a positive pulse when the counter overflows. This pulse is approximately equal in
duration to the high level portion of the QA outputs. The Ripple Carry output is fed to successive cascaded stages to
facilitate easy implementation of N-bit counters.
Features
• High Speed Operation: t
pd (Clock to Q) = 18 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)


Similar Part No. - HD74HC162

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC162 HITACHI-HD74HC162 Datasheet
90Kb / 16P
Synchronous Decade,4-bit Binary,Counter(Direct Clear,Synchronous Clear)
More results

Similar Description - HD74HC162

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC160 HITACHI-HD74HC160 Datasheet
90Kb / 16P
Synchronous Decade,4-bit Binary,Counter(Direct Clear,Synchronous Clear)
HD74LS160A HITACHI-HD74LS160A Datasheet
107Kb / 7P
Synchronous Decade Counters(direct clear)
HD74LV161A HITACHI-HD74LV161A Datasheet
84Kb / 19P
Synchronous 4-bit Binary Counter (Direct Clear)
logo
National Semiconductor ...
74HC160 NSC-74HC160 Datasheet
148Kb / 6P
Synchronous Decade Counter with Asynchronous Clear
logo
Renesas Technology Corp
HD74LV161A RENESAS-HD74LV161A Datasheet
112Kb / 16P
Synchronous 4-bit Binary Counter (Direct Clear)
HD74LS160A RENESAS-HD74LS160A Datasheet
203Kb / 11P
Synchronous Decade Counter (direct clear)
HD74LS161A RENESAS-HD74LS161A Datasheet
106Kb / 11P
Synchronous 4-bit Binary Counter (direct clear)
HD74LS162A RENESAS-HD74LS162A Datasheet
201Kb / 11P
Synchronous Decade Counter (synchronous clear)
HD74LS163A RENESAS-HD74LS163A Datasheet
199Kb / 12P
Synchronous 4-bit Binary Counter (direct clear)
HD74LV161A RENESAS-HD74LV161A_15 Datasheet
137Kb / 18P
Synchronous 4-bit Binary Counter (Direct Clear)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com