Electronic Components Datasheet Search
  English  ▼

X  

M64898GP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M64898GP
Description  PLL Frequency Synthesizer with DC/DC Converter For PC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M64898GP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M64898GP Datasheet HTML 6Page - Renesas Technology Corp M64898GP Datasheet HTML 7Page - Renesas Technology Corp M64898GP Datasheet HTML 8Page - Renesas Technology Corp M64898GP Datasheet HTML 9Page - Renesas Technology Corp M64898GP Datasheet HTML 10Page - Renesas Technology Corp M64898GP Datasheet HTML 11Page - Renesas Technology Corp M64898GP Datasheet HTML 12Page - Renesas Technology Corp M64898GP Datasheet HTML 13Page - Renesas Technology Corp M64898GP Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
M64898GP
Rev.2.00 Jun 14, 2006 page 13 of 13
Package Dimensions
INCLUDE TRIM OFFSET.
DIMENSION "*3" DOES NOT
NOTE)
DO NOT INCLUDE MOLD FLASH.
DIMENSIONS "*1" AND "*2"
1.
2.
0.77
0.53
A1
HE
y
0.10
e
0.65
c
0°
10°
L
0.3
0.5
0.7
0
0.1
0.2
A
1.45
6.2
6.4
6.6
A2
1.15
E
4.3
4.4
4.5
D
6.4
6.5
6.6
Reference
Symbol
Dimension in Millimeters
Min
Nom Max
0.13
0.15
0.2
P-LSSOP20-4.4x6.5-0.65
0.08g
MASS[Typ.]
20P2E-A
PLSP0020JA-A
RENESAS Code
JEITA Package Code
Previous Code
bp
0.17
0.22
0.32
y
Index mark
1
10
11
20
F
*3
*2
c
bp
e
D
Detail F
A1
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com