Electronic Components Datasheet Search
  English  ▼

X  

M65575FP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M65575FP
Description  Rhythm Phrase Player
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65575FP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M65575FP Datasheet HTML 1Page - Renesas Technology Corp M65575FP Datasheet HTML 2Page - Renesas Technology Corp M65575FP Datasheet HTML 3Page - Renesas Technology Corp M65575FP Datasheet HTML 4Page - Renesas Technology Corp M65575FP Datasheet HTML 5Page - Renesas Technology Corp M65575FP Datasheet HTML 6Page - Renesas Technology Corp M65575FP Datasheet HTML 7Page - Renesas Technology Corp M65575FP Datasheet HTML 8Page - Renesas Technology Corp M65575FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
M65575FP
REJ03F0169-0201 Rev.2.01 Jan 25, 2008
Page 3 of 11
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage
VDD
4.2
V
Input voltage
Vi
–0.3 to VDD + 0.3
V
Power dissipation
Pd
455
mW
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–40 to +125
°C
Recommended Operating Condition
Limits
Item
Symbol
Min
Typ
Max
Unit
Supply voltage
VDD
3
3.3
3.6
V
Oscillation frequency
fOSC
—
8.2
—
MHz
DC Characteristics
Limits
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
H input voltage
VIH
0.7
•V
DD
—
VDD
V
L input voltage
VIL
0
—
0.3
•V
DD
MHz
H input leakage current
IIH
–10
—
10
μA
VDD = 3.6 V, Vi = 3.5 V
L input leakage current
IIL
–10
—
10
μA
VDD = 3.6 V, Vi = 0.1 V
H output voltage
(Excluding PWM)
VOH
VDD–0.4
—
VDD
V
VDD = 3.0 V, IOH = –2 mA
L output voltage
(Excluding PWM)
VOL
0
—
0.4
V
VDD = 3.0 V, IOL = 2 mA
Consumption current
IDD
—
5
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com