Electronic Components Datasheet Search
  English  ▼

X  

M65677FP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M65677FP
Description  Digital NTSC/PAL Encoder
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65677FP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M65677FP Datasheet HTML 1Page - Renesas Technology Corp M65677FP Datasheet HTML 2Page - Renesas Technology Corp M65677FP Datasheet HTML 3Page - Renesas Technology Corp M65677FP Datasheet HTML 4Page - Renesas Technology Corp M65677FP Datasheet HTML 5Page - Renesas Technology Corp M65677FP Datasheet HTML 6Page - Renesas Technology Corp M65677FP Datasheet HTML 7Page - Renesas Technology Corp M65677FP Datasheet HTML 8Page - Renesas Technology Corp M65677FP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
M65677FP
REJ03F0189-0201 Rev.2.01 Mar 31, 2008
Page 4 of 8
Pin Description
Pin No
Pin Name
Type
Function
1
DVSS2
Supply
Digital ground for the I/O
2
PXCLK
O
Reference clock for input pixel data.
The clock frequency is 27.0 MHz
3
DVASEL
I
I
2C slave address setting.
“Low” is for the address of 40h, “High” is for the address of 42h.
4
HD
I/O
Horizontal sync signal input or output.
It is an input and output in the slave and master mode, respectively.
5
VD
I/O
Vertical sync input or output. Or Odd Even signal output.
It is an input and output in the slave and master mode, respectively.
6
7
8
9
10
11
12
13
14
15
VD9
VD8
VD7
VD6
VD5
VD4
VD3
VD2
VD1
VD0
I/O
Video data outputs.
In the Y/U/V output mode, the output is the 10-bit digital luma signal with a
composite sync.
VD9 is MSB and VD0 is LSB.
16
DVSS2
Supply
Digital ground for the I/O.
17
DVDD2
Supply
Digital supply for the I/O
18
DVDD1
Supply
Digital supply for the internal logic.
19
DVSS1
Supply
Digital ground for the internal logic.
20
OSDCK
O
The reference clock for an external OSD microcontroller.
The frequency is 13.5 MHz or 6.25 MHz, alternated by I
2C bus control.
21
22
23
OSD0
OSD1
OSD2
I
The color look-up table address input.
MSB and LSB are OSD2 and OSD0, respectively.
24
Master/Slave
I
Synchronizing mode selection.
“Low” is for the slave mode.
“High” is for the master mode.
25
RESET
I
Initializing reset. ”Low” is active.
26
ACK
O
Acknowledge line (Open drain output).
27
SDA
I/O
Serial data line/acknowledge line (Open drain output).
28
SCL
I
Serial clock line.
29
TEST
I
For testing.
Is should be grounded during an actual use.
30
DVDD1
Supply
Digital supply for the internal logic.
31
N.C.
—
No connection.
32
N.C.
—
No connection.
33
C
O
The analog chroma output from a 6 dB amplifier.
The output amplitude is 1.0 VP-P (Typ), while the input is 0.5 VP-P.
34
N.C.
—
No connection.
35
CVBS
O
The analog composite video signal from a 6 dB amplifier.
The output amplitude is 1.24 VP-P (Typ).
36
AVSS2
Supply
Analog ground for 6 dB amplifiers.
37
Y
O
The analog luma output from a 6 dB amplifier.
The output amplitude is 1.2 VP-P (Typ), while input is 0.6 VP-P.
38
AVSS2
Supply
Analog supply for 6 dB amplifiers.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com