| Electronic Components Datasheet Search |
|
M65761FP Datasheet(PDF) 7 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M65761FP Datasheet(HTML) 7 Page - Renesas Technology Corp |
|
7 / 34 page ![]() M65761FP REJ03F0234-0200 Rev.2.00 Sep 14, 2007 Page 7 of 33 Coding Specification (1) Coding Algorithm • QM-Coder (JBIG standard arithmetic coding system) (2) Context (i) Built-in context mode a) Template model • 2 or 3 line 10 pixel template (see figure 1) (This agrees with the template used with the minimum resolution of JBIG) Note: The coding efficiency of the 3-line template is better than that of the 2-line template by several %. b) Adaptive template (AT) • It is possible to move up to 127 pixels on the coding line. (The position of AT given instruction by the MPU) Note: It is possible to improve the coding efficiency against the dither image by the use of AT. • It is possible to change the position of AT line by line in the middle of coding and decoding. Note: It is not possible to change the template at the time when change the position of the AT pixels. (ii) External context mode • It is possible to input any context up to 12 bits. (It is possible to interface with JBIG Progressive Coding and the Arithmatic Coding of JPEG Option Function) X X X? ? X X X X X X X X X X X X XX X A A Figure 1 Template (X, A) (Top: 3-line, Bottom: 2-line) A A X X X? ? X X X X X X X X X X X X XX X Max 127 Max 127 Figure 2 Adaptive Template (A) (3) Typical Prediction • Agreement with the Typical Prediction of the lowest resolution of JBIG. The pseudo-pixel (SLNTP) is generated by the symbol LNTP which shows whether the coding/decoding process agree with the directly before line. If they agree, the line is not coding/decoding. This makes it possible to shorten the time of process and rejection of the code data. SLNTPy =! (LNTPy ⊕ LNTPy – 1) (y: line number, LNTPy = 1; LNTPy – 1 = 1) (4) Deterministic Prediction • This LSI is not equipped with the Typical Prediction. However, the DP function is realized when the DP pixels are identified and eliminated by the external circuits during the external context mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |