Electronic Components Datasheet Search
  English  ▼

X  

M65762FP Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # M65762FP
Description  QM-Coder
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65762FP Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button M65762FP Datasheet HTML 15Page - Renesas Technology Corp M65762FP Datasheet HTML 16Page - Renesas Technology Corp M65762FP Datasheet HTML 17Page - Renesas Technology Corp M65762FP Datasheet HTML 18Page - Renesas Technology Corp M65762FP Datasheet HTML 19Page - Renesas Technology Corp M65762FP Datasheet HTML 20Page - Renesas Technology Corp M65762FP Datasheet HTML 21Page - Renesas Technology Corp M65762FP Datasheet HTML 22Page - Renesas Technology Corp M65762FP Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
M65762FP
REJ03F0235-0200 Rev.2.00 Sep 14, 2007
Page 19 of 34
(2) Stripe coding/decoding (without change in AT pixel position)/image data through processing sequence
2
PEL_REG_L:
SYS_REG:
; Cb, Cb = Bit width of code data bus
; Bs, Bx = Code data bus bit, byte swap
; Pb, Pi = Bit width of image data bus,
I/F selection
CONV_REG:
PEL_REG_H:
MOD_REG:
CMD_REG:
STAT_REG:
MDET_REG:
MSET_REG:
LSET_REG_L:
LSET_REG_H:
IENB_REG:
IENB_REG:
; mset = sets marker code byte
(SDNORM = 02h, SDRST = 03h)
; mm = Operation mode
(coding/decoding/through)
; Ob, Ob = Selection of head byte read-through
during decoding (0 to 3)
; Li = Selection of inhibition of line memory
initialization Note
; Tp = Typical prediction function ON/OFF
; j = End of processing
; m = Marker detection
; s = SC counter over error
; pel_l, pel_h = Number of pixels per 1 line
; Ve, He = Selection of scale-up during
decoding
; Vr, Hr, Ho = Selection of scale-down
at time of coding
; lset_l, lset_h = Number of processing lines
; Interrupt disable
; Termination end processing
(coding/decoding/through)
Start command
; Process end interrupt enable
; mdet = Read marker code
d7
d0
Pb
Cb Cb
Pi
0
0
Bx Bs
d7
d0
00
0
00
0
0
0
00
1
00
0
0
0
00
0
01
0
0
0
0Vr He
0Ve
Hr
0 Ho
PARA_REG:
; aa, aaaaa = AT pixel position
; t = Template selection
aa
a
aa
a
t
a
Tp
0
m
Li
m
0
Ob Ob
mset
mdet
lset_h
pel_l
lset_l
−
m
−
−
j
−
− s
Set operation mode
Set system
(set LSI mode)
Set parameter
(template, context)
Set the number of pixels
Set the number of lines
Processing start command
(coding/decoding/through)
Set marker code
(Note: Required cording only)
Set interrupt enable
Set scale-up/scale-down
End
End
(Occurrence of interrupt)
Set interrupt disable
Read out status register
(check process for end)
Read marker code
(Note: At time of decoding only)
j = 1 ?
Y
N
(Error)
s = 0 ?
Y
N (SC counter over)
(Error)
Decoding ?
Y
N (Coding)
(Decoding)
(Marker detection)
m = 1 ?
Y
N (Marker not detected)
(Error)
00
pel_h
Note: Set Li = 0 for the head stripe of single
stripe of multi stripe.
[Performs coding/decoding processing during this period.]
−−−Inputs/outputs image data and coding data
(Coding/decoding/through processing for a stripe.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com