Electronic Components Datasheet Search
  English  ▼

X  

HD74HC191 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74HC191
Description  Synchronous Up/Down Decade Counter (Single Clock Line)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC191 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74HC191 Datasheet HTML 1Page - Renesas Technology Corp HD74HC191 Datasheet HTML 2Page - Renesas Technology Corp HD74HC191 Datasheet HTML 3Page - Renesas Technology Corp HD74HC191 Datasheet HTML 4Page - Renesas Technology Corp HD74HC191 Datasheet HTML 5Page - Renesas Technology Corp HD74HC191 Datasheet HTML 6Page - Renesas Technology Corp HD74HC191 Datasheet HTML 7Page - Renesas Technology Corp HD74HC191 Datasheet HTML 8Page - Renesas Technology Corp HD74HC191 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Rev.3.00, Jan 31, 2006 page 1 of 12
HD74HC190, HD74HC191
Synchronous Up/Down Decade Counter (Single Clock Line)
Synchronous Up/Down 4-bit Binary Counter (Single Clock Line)
REJ03D0587-0300
Rev.3.00
Jan 31, 2006
Description
The HD74HC190 is a 4-bit decade counter and the HD74HC191 is a 4-bit binary counter. Synchronous counting
operation is provided by having all flip-flops clocked simultaneously so that the outputs change coincident with each
other when so instructed by the steering logic. This mode of operation eliminates the output counting spikes normally
associated with asynchronous (ripple clock) counters.
The outputs of the four flip-flops are triggered on a low-to-high-level transition of the clock input if the Enable G input
is low. A high at Enable G inhibits counting. The direction of the count is determined by the level of the Down/ Up
(D/
U) input. When D/U is low, the counter counts up and when D/U is high, it counts down.
These counters feature a fully independent clock circuit. Changes at the control inputs (D/
U) that will modify the
operating mode have no effect on the contents of the counter until clocking occurs. The function of the counter will be
dictated solely by the condition meeting the stable setup and hold times.
These counters are fully programmable; that is, the outputs may each be preset to either level by placing a low on the
load input and entering the desired data at the data inputs. The output will change to agree with the data inputs
independently of the level of the clock input. This feature allows the counters to be used as modulo-N dividers by
simply modifying the count length with the preset inputs.
Two outputs have been made available to perform the cascading function. Ripple clock and maximum/minimum count.
The latter output produces a high-level output pulse with a duration approximately equal to one complete cycle of the
clock while the count is zero (all outputs low) counting down or maximum (9 or 15) counting up. The ripple clock
output produces a low-level output pulse under those same conditions but only while the clock input is low. The
counters can be easily cascaded by feeding the ripple clock output to the enable input of the succeeding counter if
parallel clocking is used, or to the clock input if parallel enabling is used. The maximum/minimum count output can be
used to accomplish look-ahead for high-speed operation.
Features
• High Speed Operation: t
pd (Clock to Q) = 22 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4
µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC190P
HD74HC191P
DILP-16 pin
PRDP0016AE-B
(DP-16FV)
P
—
HD74HC190FPEL
HD74HC191FPEL
SOP-16 pin (JEITA)
PRSP0016DH-B
(FP-16DAV)
FP
EL (2,000 pcs/reel)
HD74HC190RPEL
HD74HC191RPEL
SOP-16 pin (JEDEC)
PRSP0016DG-A
(FP-16DNV)
RP
EL (2,500 pcs/reel)
Note:
Please consult the sales office for the above package availability.


Similar Part No. - HD74HC191

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC191 HITACHI-HD74HC191 Datasheet
75Kb / 13P
Synchronous Up/Down Decade,4-bit Binary Counter(Single Clock Line)
More results

Similar Description - HD74HC191

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4029B PHILIPS-HEF4029B Datasheet
188Kb / 14P
Synchronous up/down counter, binary/decade counter
January 1995
logo
Hitachi Semiconductor
HD74HC190 HITACHI-HD74HC190 Datasheet
75Kb / 13P
Synchronous Up/Down Decade,4-bit Binary Counter(Single Clock Line)
HD74HC192 HITACHI-HD74HC192 Datasheet
74Kb / 13P
Synchronous Up/Down Decade,4-bit Binary Counter(Dual Clock Line)
HD74LS190 HITACHI-HD74LS190 Datasheet
104Kb / 7P
Synchronous Up/Down Decade Counters(single clock line)
logo
STMicroelectronics
M74HC192 STMICROELECTRONICS-M74HC192 Datasheet
560Kb / 14P
SYNCHRONOUS UP/DOWN DECADE COUNTER
Jul-2001
logo
Renesas Technology Corp
HD74LS190 RENESAS-HD74LS190 Datasheet
198Kb / 11P
Synchronous Up / Down Decade Counter (signal clock line)
HD74LS192 RENESAS-HD74LS192 Datasheet
98Kb / 11P
Synchronous Up / Down Decade Counter (dual clock lines)
HD74LS193 RENESAS-HD74LS193 Datasheet
107Kb / 12P
Synchronous Up / Down Decade Counter (dual clock lines)
HD74HC192 RENESAS-HD74HC192 Datasheet
151Kb / 14P
Synchronous Up/Down Decade Counter (Dual Clock Lines)
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com