Electronic Components Datasheet Search
  English  ▼

X  

HD74HC623 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74HC623
Description  Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC623 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD74HC623 Datasheet HTML 3Page - Renesas Technology Corp HD74HC623 Datasheet HTML 4Page - Renesas Technology Corp HD74HC623 Datasheet HTML 5Page - Renesas Technology Corp HD74HC623 Datasheet HTML 6Page - Renesas Technology Corp HD74HC623 Datasheet HTML 7Page - Renesas Technology Corp HD74HC623 Datasheet HTML 8Page - Renesas Technology Corp HD74HC623 Datasheet HTML 9Page - Renesas Technology Corp HD74HC623 Datasheet HTML 10Page - Renesas Technology Corp HD74HC623 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
HD74HC620, HD74HC623
Rev.2.00 Mar 30, 2006 page 7 of 11
HD74HC623
VCC
A1
OPEN
GND
C =
50 pF
GBA
GAB
B1
Zout = 50
Ω
Input
S1
1 k
Ω
VCC
VCC
VCC
S2
L
Output
TEST
S2
t
/ t
PLH
PHL
OPEN
GND
t
/ t
ZH
HZ
t
/ t
ZL
LZ
Notes : 1. CL includes probe and jig capacitance.
2. A2–B2, A3–B3, A4–B4, A5–B5, A6–B6, A7–B7, A8–B8 are identical to above load circuit.
3. S1 is a input / output swich.
Pulse Generator
Waveforms
HD74HC620
tPHL
tPLH
VOH
VOL
0 V
VCC
50 %
50 %
50 %
50 %
Input A or B
Output B or A
10 %
90 %
tr
tf
10 %
90 %
• Waveform – 1
10 %
90 %
tTHL
10 %
90 %
tTLH
Notes : 1. Input waveform : PRR
≤ 1 MHz, duty cycle 50%, tr ≤ 6 ns, tf ≤ 6 ns
2. The output are measured one at a time with one transition per measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com