Electronic Components Datasheet Search
  English  ▼

X  

HD74HC669 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74HC669
Description  Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC669 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74HC669 Datasheet HTML 1Page - Renesas Technology Corp HD74HC669 Datasheet HTML 2Page - Renesas Technology Corp HD74HC669 Datasheet HTML 3Page - Renesas Technology Corp HD74HC669 Datasheet HTML 4Page - Renesas Technology Corp HD74HC669 Datasheet HTML 5Page - Renesas Technology Corp HD74HC669 Datasheet HTML 6Page - Renesas Technology Corp HD74HC669 Datasheet HTML 7Page - Renesas Technology Corp HD74HC669 Datasheet HTML 8Page - Renesas Technology Corp HD74HC669 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev.2.00 Mar 30, 2006 page 1 of 10
HD74HC668, HD74HC669
Synchronous UP/Down Decade Counter
Synchronous Up/Down 4-bit binary Counter
REJ03D0638-0200
(Previous ADE-205-520)
Rev.2.00
Mar 30, 2006
Description
This synchronous presettable decade counter features an internal carry look-ahead for cascading in high-speed counting
applications. Synchronous operation is provided by having all flip-flops clocked simultaneously so that the outputs
change coincident with each other when so instructed by the count-enable inputs and internal gating. This mode of
operation helps eliminate the output counting spikes that are normally associated with asynchronous (ripple-clock)
counters.
A buffered clock input triggers the four master-slave flip-flops on the rising (positive going) edge of the clock
waveform. This counter is fully programmable; that is, the outputs may each be preset to either level. The load input
circuitry allows loading with the carry-enable output of cascaded counters. As loading is synchronous, setting up a low
level at the load input disables the counter and causes the outputs to agree with the data inputs after the next clock pulse.
The carry look-ahead circuitry provides for cascading counters for n-bit synchronous applications without additional
gating. Instrumental in accomplishing this function are two count enable inputs and a carry output. Both count enable
inputs (
P and T) must be low to count. The direction of the count is determined by the level of the up/down input.
when the input is high, the counter counts up; when low, it counts down. Input
T is fed forward to enable the carry
output. The carry output thus enabled will produce a low-level output pulse with a duration approximately equal to the
high portion of the QA output when counting up and approximately equal to the low portion of the QA output when
counting down. This low level overflow carry pulse can be used to enable successive cascaded stages. Transitions at
the enable
P or T inputs are allowed regardless of the level of the clock input. All inputs are diode-clamped to minimize
transission-line effects, thereby simplifying system design. This counter features a fully independent clock circuit.
Changes at control inputs (enable
P, Enable T, load, up/down) that will modify the operating mode have no effect until
clocking occurs. The function of the counter (whether enabled, disabled, loading, or counting) will be dictated solely
by the conditions meeting the stable setup and hold times.
Features
• High Speed Operation
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC669P
DILP-16 pin
PRDP0016AE-B
(DP-16FV)
P
—
HD74HC669FPEL
SOP-16 pin (JEITA)
PRSP0016DH-B
(FP-16DAV)
FP
EL (2,000 pcs/reel)
HD74HC668RPEL
HD74HC669RPEL
SOP-16 pin (JEDEC)
PRSP0016DG-A
(FP-16DNV)
RP
EL (1,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.


Similar Part No. - HD74HC669

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC669 HITACHI-HD74HC669 Datasheet
84Kb / 14P
Synchronous UP/Down Decade,4-bit binary Counter
More results

Similar Description - HD74HC669

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4029B PHILIPS-HEF4029B Datasheet
188Kb / 14P
Synchronous up/down counter, binary/decade counter
January 1995
logo
STMicroelectronics
M54HC192 STMICROELECTRONICS-M54HC192 Datasheet
312Kb / 15P
SYNCHRONOUS UP/DOWN DECADE(,BINARY) COUNTER
Oct-1992
logo
Fairchild Semiconductor
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Hitachi Semiconductor
HD74HC668 HITACHI-HD74HC668 Datasheet
84Kb / 14P
Synchronous UP/Down Decade,4-bit binary Counter
logo
National Semiconductor ...
CD40192BM NSC-CD40192BM Datasheet
141Kb / 6P
Synchronous 4-Bit Up/Down Decade Counter
MM54C192 NSC-MM54C192 Datasheet
140Kb / 6P
Synchronous 4-Bit Up/Down Decade Counter
logo
Texas Instruments
SN74F168 TI-SN74F168 Datasheet
130Kb / 9P
SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER
SN54HC191-DIE TI1-SN54HC191-DIE Datasheet
132Kb / 6P
4-Bit Synchronous Up/Down Binary Counter
SN74F168 TI1-SN74F168_08 Datasheet
155Kb / 10P
SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com