Electronic Components Datasheet Search
  English  ▼

X  

HD74HC679 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74HC679
Description  12-bit Address Comparator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC679 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74HC679 Datasheet HTML 1Page - Renesas Technology Corp HD74HC679 Datasheet HTML 2Page - Renesas Technology Corp HD74HC679 Datasheet HTML 3Page - Renesas Technology Corp HD74HC679 Datasheet HTML 4Page - Renesas Technology Corp HD74HC679 Datasheet HTML 5Page - Renesas Technology Corp HD74HC679 Datasheet HTML 6Page - Renesas Technology Corp HD74HC679 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.2.00 Mar 30, 2006 page 1 of 6
HD74HC679
12-bit Address Comparator
REJ03D0640-0200
(Previous ADE-205-526)
Rev.2.00
Mar 30, 2006
Description
The HD74HC679 address comparator simplifies addressing of memory boards and/or other peripheral devices. The
four P inputs are normally hard wired with a preprogrammed address. An internal decoder determines what input
information applied to the 12 A inputs must be low or high to cause a low state at the output (Y). For example, a
positive-logic bit combination of 0111 (decimal 7) at the P input determines that inputs A1 through A7 must be low and
that inputs A8 through A12 must be high to cause the output to go low. Equality of the address amplified at the A inputs
to the preprogrammed address is indicated by the output being low.
The HD74HC679 features and enable input (
G). When G is low, the device is enabled. When G is high, the device is
disabled and the output is high regardless of the A and P inputs.
Features
• High Speed Operation: t
pd (A to Y) = 18 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC679RPEL
SOP-20 pin (JEDEC)
PRSP0020DC-A
(FP-20DBV)
RP
EL (1,000 pcs/reel)


Similar Part No. - HD74HC679

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC679 HITACHI-HD74HC679 Datasheet
67Kb / 10P
12-bit Address Comparator
More results

Similar Description - HD74HC679

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS679 TI-SN74ALS679 Datasheet
117Kb / 7P
12-BIT ADDRESS COMPARATOR
logo
Hitachi Semiconductor
HD74HC677 HITACHI-HD74HC677 Datasheet
52Kb / 8P
16-bit Address Comparator
HD74HC678 HITACHI-HD74HC678 Datasheet
50Kb / 8P
16-bit Address Comparator
HD74HC679 HITACHI-HD74HC679 Datasheet
67Kb / 10P
12-bit Address Comparator
HD74HC680 HITACHI-HD74HC680 Datasheet
62Kb / 10P
12-bit Address Comparator
logo
Texas Instruments
SN74ALS678 TI-SN74ALS678 Datasheet
302Kb / 7P
16-BIT ADDRESS COMAPARATORS
SN74ALS680 TI-SN74ALS680 Datasheet
279Kb / 6P
12-BIT ADDRESS COMPARATORS
logo
Radiometrix Ltd
CONTROL124 RADIOMETRIX-CONTROL124 Datasheet
553Kb / 7P
4 bit Address - 12 bit Data encoder/decoder
logo
Renesas Technology Corp
HD74HC680 RENESAS-HD74HC680 Datasheet
102Kb / 7P
12-bit Address Comparator
logo
Texas Instruments
SN74ALS677A TI1-SN74ALS677A Datasheet
130Kb / 7P
16-BIT ADDRESS COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com