Electronic Components Datasheet Search
  English  ▼

X  

HSS104 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HSS104
Description  Silicon Epitaxial Planar Diode for High Speed Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSS104 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HSS104 Datasheet HTML 1Page - Renesas Technology Corp HSS104 Datasheet HTML 2Page - Renesas Technology Corp HSS104 Datasheet HTML 3Page - Renesas Technology Corp HSS104 Datasheet HTML 4Page - Renesas Technology Corp HSS104 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HSS104
Rev.3.00 Mar 25, 2005 page 3 of 4
Main Characteristic
1.0
10
10
1.0
0.1
100
f = 1MHz
010
40
30
50
20
0
0.2
0.8
0.6
1.0
0.4
1.2
10
–4
10
–3
10
–2
10
–1
Fig.1 Forward current vs. Forward voltage
Forward voltage VF (V)
10
–6
10
–7
10
–8
10
–9
10
–10
Fig.2 Reverse current vs. Reverse voltage
Reverse voltage VR (V)
Fig.3 Capacitance vs. Reverse voltage
Reverse voltage VR (V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com