Electronic Components Datasheet Search
  English  ▼

X  

HSU88 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HSU88
Description  Silicon Schottky Barrier Diode for Detector and Mixer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSU88 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HSU88 Datasheet HTML 1Page - Renesas Technology Corp HSU88 Datasheet HTML 2Page - Renesas Technology Corp HSU88 Datasheet HTML 3Page - Renesas Technology Corp HSU88 Datasheet HTML 4Page - Renesas Technology Corp HSU88 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev.8.00, Nov.06.2003, page 1 of 4
HSU88
Silicon Schottky Barrier Diode for Detector and Mixer
REJ03G0140-0800Z
(Previous: ADE-208-077G)
Rev.8.00
Nov.06.2003
Features
• Low capacitance. (C = 0.8 pF max)
• Low forward voltage.
• Ultra small Resin Package (URP) is suitable for high density surface mounting and high speed assembly.
Ordering Information
Type No.
Laser Mark
Package Code
HSU88
9
URP
Pin Arrangement
Cathode mark
Mark
12
1. Cathode
2. Anode


Similar Part No. - HSU88

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSU88 HITACHI-HSU88 Datasheet
21Kb / 5P
Silicon Schottky Barrier Diode for Various Detector, Mixer
logo
Guangdong Kexin Industr...
HSU88 KEXIN-HSU88 Datasheet
32Kb / 1P
Silicon Schottky Barrier Diode
More results

Similar Description - HSU88

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSU88 HITACHI-HSU88 Datasheet
21Kb / 5P
Silicon Schottky Barrier Diode for Various Detector, Mixer
HSC88 HITACHI-HSC88 Datasheet
21Kb / 5P
Silicon Schottky Barrier Diode for Various Detector, Mixer
logo
Renesas Technology Corp
HSD88 RENESAS-HSD88 Datasheet
143Kb / 5P
Silicon Schottky Barrier Diode for Detector, Mixer
HSB276S RENESAS-HSB276S Datasheet
64Kb / 5P
Silicon Schottky Barrier Diode for Detector and Mixer
HSU276 RENESAS-HSU276 Datasheet
61Kb / 5P
Silicon Schottky Barrier Diode for Detector and Mixer
HSM276SR RENESAS-HSM276SR Datasheet
64Kb / 5P
Silicon Schottky Barrier Diode for Detector and Mixer
HSM88WA RENESAS-HSM88WA Datasheet
64Kb / 5P
Silicon Schottky Barrier Diode for Detector and Mixer
HSM88WK RENESAS-HSM88WK Datasheet
64Kb / 5P
Silicon Schottky Barrier Diode for Detector and Mixer
HSC88 RENESAS-HSC88 Datasheet
74Kb / 5P
Silicon Schottky Barrier Diode for Various Detector, Mixer
logo
ON Semiconductor
NSR201MX ONSEMI-NSR201MX Datasheet
168Kb / 7P
Schottky Barrier Diode for Mixer and Detector
January, 2019 ??Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com