Electronic Components Datasheet Search
  English  ▼

X  

HSD278 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HSD278
Description  Silicon Schottky Barrier Diode for Detector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSD278 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HSD278 Datasheet HTML 1Page - Renesas Technology Corp HSD278 Datasheet HTML 2Page - Renesas Technology Corp HSD278 Datasheet HTML 3Page - Renesas Technology Corp HSD278 Datasheet HTML 4Page - Renesas Technology Corp HSD278 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HSD278
Rev.2.00 Apr 15, 2005 page 2 of 4
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
30
V
Reverse voltage
VR
30
V
Non-Repetitive peak forward surge current
IFSM *
200
mA
Peak forward current
IFM
150
mA
Average rectified current
IO
30
mA
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Note
: 10 ms sine wave 1 pulse
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
VF1
—
—
0.30
IF = 1 mA
Forward voltage
VF2
—
—
0.95
V
IF = 30 mA
Reverse current
IR
—
—
700
nA
VR = 10 V
Capacitance
C
—
—
1.5
pF
VR = 1 V, f = 1 MHz
ESD-Capability *
1
—
100
—
—
V
C = 200 pF, RL = 0 Ω, Both forward and
reverse direction 1 pulse.
Notes
: 1. Failure criterion ; IR ≥ 1.4 µA at VR = 10 V
2. Please do not use the soldering iron due to avoid high stress to the SFP package.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com