Electronic Components Datasheet Search
  English  ▼

X  

HSG2001VF Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HSG2001VF
Description  SiGe NPN Epitaxial High Frequency Medium Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2001VF Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HSG2001VF Datasheet HTML 6Page - Renesas Technology Corp HSG2001VF Datasheet HTML 7Page - Renesas Technology Corp HSG2001VF Datasheet HTML 8Page - Renesas Technology Corp HSG2001VF Datasheet HTML 9Page - Renesas Technology Corp HSG2001VF Datasheet HTML 10Page - Renesas Technology Corp HSG2001VF Datasheet HTML 11Page - Renesas Technology Corp HSG2001VF Datasheet HTML 12Page - Renesas Technology Corp HSG2001VF Datasheet HTML 13Page - Renesas Technology Corp HSG2001VF Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
HSG2001
Rev.2.00, Apr.20.2004, page 10 of 24
S parameter
(VCE = 2 V, IC = 30 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.637
-89.4
52.04
135.0
0.0169
60.8
0.774
-63.1
200
0.667
-129.0
34.31
113.2
0.0263
41.9
0.570
-97.5
300
0.675
-147.9
24.27
102.4
0.0288
40.2
0.487
-118.8
400
0.681
-158.4
18.50
95.5
0.0316
40.4
0.450
-132.9
500
0.684
-165.5
14.85
90.7
0.0338
41.4
0.430
-143.3
600
0.686
-171.0
12.32
87.0
0.0371
44.7
0.421
-151.1
700
0.688
-175.5
10.50
83.9
0.0406
46.2
0.413
-157.3
800
0.691
-179.2
9.14
81.2
0.0435
46.3
0.413
-162.4
900
0.691
177.6
8.08
78.9
0.0469
47.6
0.411
-166.9
1000
0.694
174.6
7.24
76.7
0.0499
47.0
0.409
-170.7
1100
0.696
171.8
6.55
74.6
0.0537
48.5
0.410
-174.3
1200
0.699
169.3
5.98
72.7
0.0567
48.7
0.411
-177.6
1300
0.700
167.0
5.50
70.8
0.0598
48.4
0.413
179.7
1400
0.703
164.8
5.09
69.0
0.0631
49.0
0.414
176.9
1500
0.704
162.6
4.74
67.2
0.0667
49.0
0.416
174.5
1600
0.707
160.4
4.43
65.5
0.0695
48.6
0.418
172.1
1700
0.710
158.5
4.16
63.9
0.0725
48.0
0.421
170.1
1800
0.713
156.8
3.92
62.1
0.0762
48.0
0.424
168.1
1900
0.715
154.9
3.70
60.4
0.0790
47.4
0.426
166.1
2000
0.718
153.1
3.51
58.8
0.0822
46.9
0.429
164.1
2100
0.720
151.1
3.34
57.2
0.0860
46.4
0.432
162.2
2200
0.725
149.6
3.18
55.6
0.0897
45.7
0.435
160.4
2300
0.728
147.9
3.03
54.0
0.0920
45.2
0.439
159.0
2400
0.729
146.3
2.90
52.3
0.0944
44.9
0.442
157.4
2500
0.732
144.7
2.77
50.8
0.0987
43.6
0.445
155.9
2600
0.736
143.1
2.67
49.3
0.1013
43.2
0.448
154.2
2700
0.740
141.6
2.56
47.7
0.1032
42.3
0.450
152.7
2800
0.743
140.1
2.47
46.1
0.1062
41.5
0.455
151.1
2900
0.744
138.7
2.37
44.7
0.1086
40.3
0.459
149.6
3000
0.746
137.3
2.29
43.1
0.1120
39.9
0.463
148.3
3100
0.751
135.8
2.21
41.7
0.1145
39.3
0.467
147.1
3200
0.753
134.4
2.14
40.1
0.1174
38.4
0.471
145.7
3300
0.756
133.1
2.06
38.7
0.1197
37.5
0.473
144.3
3400
0.759
131.6
2.00
37.1
0.1218
36.9
0.477
142.9
3500
0.761
130.4
1.94
35.8
0.1242
36.0
0.478
141.5
3600
0.762
128.9
1.87
34.2
0.1259
35.1
0.483
140.1
3700
0.764
127.8
1.82
33.0
0.1296
34.8
0.486
138.8
3800
0.764
126.5
1.77
31.7
0.1321
34.0
0.489
137.8
3900
0.769
125.5
1.72
30.3
0.1348
33.3
0.491
136.7
4000
0.770
124.3
1.68
28.9
0.1377
32.4
0.495
135.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com