Electronic Components Datasheet Search
  English  ▼

X  

HSG2002 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # HSG2002
Description  SiGe HBT High Frequency Medium Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2002 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button HSG2002 Datasheet HTML 13Page - Renesas Technology Corp HSG2002 Datasheet HTML 14Page - Renesas Technology Corp HSG2002 Datasheet HTML 15Page - Renesas Technology Corp HSG2002 Datasheet HTML 16Page - Renesas Technology Corp HSG2002 Datasheet HTML 17Page - Renesas Technology Corp HSG2002 Datasheet HTML 18Page - Renesas Technology Corp HSG2002 Datasheet HTML 19Page - Renesas Technology Corp HSG2002 Datasheet HTML 20Page - Renesas Technology Corp HSG2002 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
HSG2002
Rev.3.00 Jun 21, 2006 page 17 of 24
S Parameter
(VCE = 3 V, IC = 300 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.853
-170.5
49.25
107.2
0.004
60.4
0.690
-149.7
200
0.871
-178.1
29.97
94.3
0.006
40.8
0.693
-164.9
300
0.870
178.2
20.77
89.6
0.008
51.2
0.696
-170.3
400
0.870
175.4
15.70
86.4
0.011
53.2
0.698
-173.2
500
0.870
173.1
12.55
84.0
0.012
58.4
0.699
-175.1
600
0.870
170.9
10.43
81.9
0.014
61.2
0.700
-176.5
700
0.870
168.9
8.91
79.9
0.016
61.3
0.701
-177.7
800
0.869
166.9
7.76
78.0
0.018
63.2
0.702
-178.7
900
0.870
164.9
6.87
76.4
0.019
64.0
0.704
-179.6
1000
0.870
163.1
6.16
74.7
0.021
65.0
0.706
179.6
1100
0.871
161.3
5.57
73.1
0.023
63.8
0.707
179.0
1200
0.872
159.5
5.09
71.5
0.025
63.5
0.709
178.5
1300
0.871
157.7
4.67
70.0
0.027
63.7
0.711
178.0
1400
0.872
156.0
4.33
68.4
0.028
62.9
0.711
177.3
1500
0.872
154.3
4.02
66.9
0.030
62.4
0.711
176.9
1600
0.873
152.6
3.76
65.5
0.032
62.3
0.714
176.6
1700
0.874
151.0
3.52
64.1
0.034
61.4
0.715
176.0
1800
0.875
149.5
3.31
62.6
0.035
61.2
0.715
175.5
1900
0.876
147.9
3.13
61.1
0.037
60.4
0.715
175.1
2000
0.876
146.3
2.97
59.7
0.039
59.6
0.715
174.6
2100
0.876
144.7
2.82
58.2
0.040
58.8
0.716
174.0
2200
0.878
143.2
2.67
56.7
0.042
58.4
0.716
173.4
2300
0.879
141.7
2.55
55.4
0.043
57.7
0.717
172.8
2400
0.879
140.3
2.43
54.0
0.045
56.8
0.717
172.2
2500
0.881
138.7
2.33
52.6
0.047
56.0
0.719
171.6
2600
0.881
137.3
2.22
51.1
0.048
55.4
0.721
171.0
2700
0.882
135.8
2.13
49.7
0.050
54.3
0.723
170.4
2800
0.882
134.3
2.05
48.4
0.051
53.9
0.724
169.9
2900
0.883
132.9
1.97
47.1
0.052
53.1
0.726
169.6
3000
0.885
131.6
1.90
45.9
0.054
52.2
0.728
169.1
3200
0.885
128.9
1.76
43.3
0.057
50.8
0.730
168.5
3400
0.886
126.1
1.65
40.7
0.060
49.5
0.729
167.8
3600
0.887
123.5
1.55
38.1
0.062
47.6
0.727
166.8
3800
0.887
120.8
1.46
35.4
0.065
46.1
0.724
165.4
4000
0.887
118.1
1.37
32.6
0.067
44.2
0.722
163.6
4200
0.889
115.5
1.30
29.9
0.069
42.4
0.722
161.7
4400
0.890
113.0
1.22
27.3
0.071
40.5
0.725
159.7
4600
0.891
110.4
1.15
24.7
0.073
38.8
0.728
158.1
4800
0.892
108.1
1.09
22.4
0.075
37.5
0.731
156.9
5000
0.893
105.8
1.04
20.1
0.077
35.4
0.733
155.9
5200
0.894
103.3
0.99
17.7
0.079
33.6
0.732
154.7
5400
0.896
101.1
0.94
15.2
0.081
31.5
0.731
153.1
5600
0.897
99.0
0.90
12.7
0.082
29.5
0.728
151.0
5800
0.898
96.7
0.86
10.1
0.084
27.5
0.730
148.5
6000
0.901
94.7
0.82
7.7
0.085
25.5
0.736
146.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com