Electronic Components Datasheet Search
  English  ▼

X  

HAT2200R Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HAT2200R
Description  Silicon N Channel Power MOS FET Power Switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2200R Datasheet(HTML) 2 Page - Renesas Technology Corp

  HAT2200R Datasheet HTML 1Page - Renesas Technology Corp HAT2200R Datasheet HTML 2Page - Renesas Technology Corp HAT2200R Datasheet HTML 3Page - Renesas Technology Corp HAT2200R Datasheet HTML 4Page - Renesas Technology Corp HAT2200R Datasheet HTML 5Page - Renesas Technology Corp HAT2200R Datasheet HTML 6Page - Renesas Technology Corp HAT2200R Datasheet HTML 7Page - Renesas Technology Corp HAT2200R Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HAT2200R
Rev.2.00, Apr.05.2004, page 2 of 7
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
100
V
Gate to source voltage
VGSS
±20
V
Drain current
ID
8A
Drain peak current
ID(pulse)
Note1
64
A
Body-drain diode reverse drain current
IDR
8A
Avalanche current
IAP
Note 2
8A
Avalanche energy
EAR
Note 2
6.4
mJ
Channel dissipation
Pch
Note3
2.5
W
Channel to Ambient Thermal Impedance
θch-a Note3
50
°C/W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1%
2. Value at Tch = 25°C, Rg
≥ 50 Ω
3. When using the glass epoxy board (FR4 40 x 40 x 1.6 mm), PW
≤ 10s
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V(BR)DSS
100
—
—
V
ID = 10 mA, VGS = 0
Gate to source leak current
IGSS
——
± 0.1
µAVGS = ±20 V, VDS = 0
Zero gate voltage drain current
IDSS
——
1
µAVDS = 100 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
3.5
—
5.0
V
VDS = 10 V, I D = 1 mA
Static drain to source on state
RDS(on)
—22
28
m
Ω
ID = 4 A, VGS = 10 V
Note4
resistance
RDS(on)
—23
33
m
Ω
ID = 4 A, VGS = 8 V
Note4
Forward transfer admittance
|yfs|8
14
—
S
ID = 4 A, VDS = 10 V
Note4
Input capacitance
Ciss
—
2300
—
pF
VDS = 10 V
Output capacitance
Coss
—
280
—
pF
VGS = 0
Reverse transfer capacitance
Crss
—
90
—
pF
f = 1 MHz
Gate Resistance
Rg
—
1.3
—
Ω
Total gate charge
Qg
—
32
—
nC
VDD = 50 V
Gate to source charge
Qgs
—
12
—
nC
VGS = 10 V
Gate to drain charge
Qgd
—
8
—
nC
ID = 8 A
Turn-on delay time
td(on)
—16
—
ns
VGS = 10 V, ID = 4 A
Rise time
tr
—4
—
ns
VDD
≅ 30 V
Turn-off delay time
td(off)
—32
—
ns
RL = 7.5
Ω
Fall time
tf
—
4.5
—
ns
Rg = 4.7
Ω
Body–drain diode forward voltage
VDF
—
0.79
1.03
V
IF = 8 A, VGS = 0
Note4
Body–drain diode reverse recovery time trr
—
45
—
ns
IF = 8 A, VGS = 0
diF/ dt = 100 A/ µs
Notes: 4. Pulse test



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com