Electronic Components Datasheet Search
  English  ▼

X  

HD74HC241 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74HC241
Description  Octal Buffers/Line Drivers/Line Receivers (with noninverted 3-state outputs)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC241 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74HC241 Datasheet HTML 1Page - Renesas Technology Corp HD74HC241 Datasheet HTML 2Page - Renesas Technology Corp HD74HC241 Datasheet HTML 3Page - Renesas Technology Corp HD74HC241 Datasheet HTML 4Page - Renesas Technology Corp HD74HC241 Datasheet HTML 5Page - Renesas Technology Corp HD74HC241 Datasheet HTML 6Page - Renesas Technology Corp HD74HC241 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HD74HC241
Rev.2.00 Jan 31, 2006 page 2 of 6
Pin Arrangement
1
2
3
4
5
6
7
8
9
10
1
G1
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
GND
VCC
2G
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
2A1
20
19
18
17
16
15
14
13
12
11
(Top view)
Logic Diagram
Input
1A
Input
2A
Strobe
G
G
YB
YA
VCC
VCC
Two of 8
buffers
To three other
2A buffers
To three other
1A buffers



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com