Electronic Components Datasheet Search
  English  ▼

X  

HD74HC243 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74HC243
Description  Quad. Bus Transceivers (with 3-state outputs) Quad. Bus Transceivers (with noninverted 3-state outputs)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC243 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74HC243 Datasheet HTML 1Page - Renesas Technology Corp HD74HC243 Datasheet HTML 2Page - Renesas Technology Corp HD74HC243 Datasheet HTML 3Page - Renesas Technology Corp HD74HC243 Datasheet HTML 4Page - Renesas Technology Corp HD74HC243 Datasheet HTML 5Page - Renesas Technology Corp HD74HC243 Datasheet HTML 6Page - Renesas Technology Corp HD74HC243 Datasheet HTML 7Page - Renesas Technology Corp HD74HC243 Datasheet HTML 8Page - Renesas Technology Corp HD74HC243 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
HD74HC242/HD74HC243
Quad. Bus Transceivers (with 3-state outputs)
Quad. Bus Transceivers (with noninverted 3-state outputs)
ADE-205-473 (Z)
1st. Edition
Sep. 2000
Description
The HD74HC242 is an inverting buffer and the HD74HC243 is a noninverting buffer. Each device has one
active high enable (GBA), and one active low enable (
GAB). GBA enables the A output and GAB enables
the B outputs. The device does not have schmitt trigger inputs.
Features
• High Speed Operation: t
pd = 10 ns typ (CL = 50 pF)
• High Output Current: Fanout of 15 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)
Function Table
HD74HC242
HC74HC243
Control inputs
Data Port Status
Data Port Status
GAB
GBA
A
B
A
B
HH
O
IO
I
L
H
Z
ZZZ
H
L
Z
ZZZ
LL
I
O
IO
I
:
Input
O :
Output
O :
Inverting Output
Z
:
Hight Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com