Electronic Components Datasheet Search
  English  ▼

X  

HD74HC243 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74HC243
Description  Quad. Bus Transceivers (with noninverted 3-state outputs)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC243 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74HC243 Datasheet HTML 1Page - Renesas Technology Corp HD74HC243 Datasheet HTML 2Page - Renesas Technology Corp HD74HC243 Datasheet HTML 3Page - Renesas Technology Corp HD74HC243 Datasheet HTML 4Page - Renesas Technology Corp HD74HC243 Datasheet HTML 5Page - Renesas Technology Corp HD74HC243 Datasheet HTML 6Page - Renesas Technology Corp HD74HC243 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.2.00 Jan 31, 2006 page 1 of 6
HD74HC243
Quad. Bus Transceivers (with noninverted 3-state outputs)
REJ03D0596–0200
(Previous ADE-205-473)
Rev.2.00
Jan 31, 2006
Description
The HD74HC243 is a noninverting buffer. Each device has one active high enable (GBA), and one active low enable
(
GAB). GBA enables the A output and GAB enables the B outputs. The device does not have schmitt trigger inputs.
Features
• High Speed Operation: t
pd = 10 ns typ (CL = 50 pF)
• High Output Current: Fanout of 15 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC243P
DILP-14 pin
PRDP0014AB-B
(DP-14AV)
P
—
HD74HC243FPEL
SOP-14 pin (JEITA)
PRSP0014DF-B
(FP-14DAV)
FP
EL (2,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Function Table
Control Inputs
Data Port Status
GAB
GBA
A
B
H
H
O
I
L
H
Z
Z
H
L
Z
Z
L
L
I
O
H :
high level
L
:
low level
X :
irrelevant
I
:
input
O :
output
Z
:
high-impedance


Similar Part No. - HD74HC243

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC243 HITACHI-HD74HC243 Datasheet
60Kb / 10P
Quad. Bus Transceivers (with 3-state outputs),Quad. Bus Transceivers (with noninverted 3-state outputs)
logo
Renesas Technology Corp
HD74HC243 RENESAS-HD74HC243 Datasheet
180Kb / 10P
Quad. Bus Transceivers (with 3-state outputs) Quad. Bus Transceivers (with noninverted 3-state outputs)
More results

Similar Description - HD74HC243

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC242 HITACHI-HD74HC242 Datasheet
60Kb / 10P
Quad. Bus Transceivers (with 3-state outputs),Quad. Bus Transceivers (with noninverted 3-state outputs)
HD74HC367 HITACHI-HD74HC367 Datasheet
46Kb / 8P
Hex Bus Drivers (noninverted Data Outputs with 3-state outputs)
HD74HC442 HITACHI-HD74HC442 Datasheet
82Kb / 12P
Quad. Tridirectional Bus Transceiver(with noninverted/inverted 3-state outputs)
HD74HCT242 HITACHI-HD74HCT242 Datasheet
57Kb / 8P
Quad. Bus Transceivers (with 3-state outputs)
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HC242 RENESAS-HD74HC242 Datasheet
180Kb / 10P
Quad. Bus Transceivers (with 3-state outputs) Quad. Bus Transceivers (with noninverted 3-state outputs)
HD74HC367 RENESAS-HD74HC367 Datasheet
91Kb / 7P
Hex Bus Drivers (Noninverted Data Outputs with 3-state outputs)
HD74HC442 RENESAS-HD74HC442 Datasheet
189Kb / 8P
Quad. Tridirectional Bus Transceiver(with noninverted 3-state outputs)/(with inverted 3-state outputs)/(with noninverted/inverted 3-state outputs)
logo
Toshiba Semiconductor
TC40H245P TOSHIBA-TC40H245P Datasheet
191Kb / 4P
OCTAL BIDIRECTIONAL BUS BUFFER NONINVERTED 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com