Electronic Components Datasheet Search
  English  ▼

X  

HD74HC243P Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74HC243P
Description  Quad. Bus Transceivers (with noninverted 3-state outputs)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC243P Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74HC243P Datasheet HTML 1Page - Renesas Technology Corp HD74HC243P Datasheet HTML 2Page - Renesas Technology Corp HD74HC243P Datasheet HTML 3Page - Renesas Technology Corp HD74HC243P Datasheet HTML 4Page - Renesas Technology Corp HD74HC243P Datasheet HTML 5Page - Renesas Technology Corp HD74HC243P Datasheet HTML 6Page - Renesas Technology Corp HD74HC243P Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HD74HC243
Rev.2.00 Jan 31, 2006 page 2 of 6
Pin Arrangement
1
2
3
4
5
6
7
GAB
NC
1A
2A
3A
4A
GND
VCC
GBA
NC
1B
2B
3B
4B
14
13
12
11
10
9
8
(Top view)
Logic Diagram
GBA
A
B
VCC
1 of 4
Transceivers
VCC
GAB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com