Electronic Components Datasheet Search
  English  ▼

X  

HD74HC244 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74HC244
Description  Octal Buffers/Line Drivers/Line Receivers (with noninverted 3-state outputs)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC244 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74HC244 Datasheet HTML 1Page - Renesas Technology Corp HD74HC244 Datasheet HTML 2Page - Renesas Technology Corp HD74HC244 Datasheet HTML 3Page - Renesas Technology Corp HD74HC244 Datasheet HTML 4Page - Renesas Technology Corp HD74HC244 Datasheet HTML 5Page - Renesas Technology Corp HD74HC244 Datasheet HTML 6Page - Renesas Technology Corp HD74HC244 Datasheet HTML 7Page - Renesas Technology Corp HD74HC244 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.2.00 Jan 31, 2006 page 1 of 7
HD74HC244
Octal Buffers/Line Drivers/Line Receivers
(with noninverted 3-state outputs)
REJ03D0597–0200
(Previous ADE-205-474)
Rev.2.00
Jan 31, 2006
Description
The HD74HC244 is a non-inverting buffer and has two active low enables (1
G and 2G). Each enable independently
controls 4 buffers.
This device does not have schmitt trigger inputs.
Features
• High Speed Operation: t
pd = 11 ns typ (CL = 50 pF)
• High Output Current: Fanout of 15 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC244P
DILP-20 pin
PRDP0020AC-B
(DP-20NEV)
P
—
HD74HC244FPEL
SOP-20 pin (JEITA)
PRSP0020DD-B
(FP-20DAV)
FP
EL (2,000 pcs/reel)
HD74HC244RPEL
SOP-20 pin (JEDEC)
PRSP0020DC-A
(FP-20DBV)
RP
EL (1,000 pcs/reel)
HD74HC244TELL
TSSOP-20 pin
PTSP0020JB-A
(TTP-20DAV)
T
ELL(2,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Function Table
Inputs
Output
G
A
Y
H
X
Z
L
H
H
L
L
L
H :
high level
L
:
low level
X :
irrelevant
Z
:
off (high-impedance) state of a 3-state output


Similar Part No. - HD74HC244

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC244 HITACHI-HD74HC244 Datasheet
61Kb / 10P
Octal Buffers/Line Drivers/Line Receivers(with noninverted 3-state outputs)
logo
Renesas Technology Corp
HD74HC244FPEL RENESAS-HD74HC244FPEL Datasheet
129Kb / 10P
Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HC244P RENESAS-HD74HC244P Datasheet
129Kb / 10P
Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HC244RPEL RENESAS-HD74HC244RPEL Datasheet
129Kb / 10P
Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HC244TELL RENESAS-HD74HC244TELL Datasheet
129Kb / 10P
Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
More results

Similar Description - HD74HC244

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC240 HITACHI-HD74HC240 Datasheet
61Kb / 10P
Octal Buffers/Line Drivers/Line Receivers(with inverted 3-state outputs)
HD74HC241 HITACHI-HD74HC241 Datasheet
58Kb / 10P
Octal Buffers/Line Drivers/Line Receivers(with noninverted 3-state outputs)
HD74HC244 HITACHI-HD74HC244 Datasheet
61Kb / 10P
Octal Buffers/Line Drivers/Line Receivers(with noninverted 3-state outputs)
HD74HCT240 HITACHI-HD74HCT240 Datasheet
59Kb / 9P
Octal Buffers/Line Drivers/Line Receivers(with inverted 3-state outputs)
HD74HCT241 HITACHI-HD74HCT241 Datasheet
58Kb / 9P
Octal Buffers/Line Drivers/Line Receivers(with noninverted 3-state outputs)
HD74HCT244 HITACHI-HD74HCT244 Datasheet
58Kb / 9P
Octal Buffers/Line Drivers/Line Receivers(noninverted 3-state outputs)
logo
Renesas Technology Corp
HD74HCT244 RENESAS-HD74HCT244 Datasheet
105Kb / 7P
Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HC240 RENESAS-HD74HC240 Datasheet
110Kb / 8P
Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HC241 RENESAS-HD74HC241 Datasheet
92Kb / 7P
Octal Buffers/Line Drivers/Line Receivers (with noninverted 3-state outputs)
HD74HC240 RENESAS-HD74HC240_15 Datasheet
131Kb / 10P
Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com