Electronic Components Datasheet Search
  English  ▼

X  

HD74HC245 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74HC245
Description  Octal Bus Transceivers (with 3-state outputs)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC245 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74HC245 Datasheet HTML 1Page - Renesas Technology Corp HD74HC245 Datasheet HTML 2Page - Renesas Technology Corp HD74HC245 Datasheet HTML 3Page - Renesas Technology Corp HD74HC245 Datasheet HTML 4Page - Renesas Technology Corp HD74HC245 Datasheet HTML 5Page - Renesas Technology Corp HD74HC245 Datasheet HTML 6Page - Renesas Technology Corp HD74HC245 Datasheet HTML 7Page - Renesas Technology Corp HD74HC245 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HD74HC245
Rev.2.00 Jan 31, 2006 page 4 of 7
Switching Characteristics
(CL = 50 pF, Input tr = tf = 6 ns)
Ta = 25°C
Ta = –40 to +85°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
—
—
90
—
115
4.5
—
12
18
—
23
tPHL
6.0
—
—
15
—
20
ns
2.0
—
—
90
—
115
4.5
—
10
18
—
23
Propagation delay
time
tPLH
6.0
—
—
15
—
20
ns
2.0
—
—
150
—
190
4.5
—
11
30
—
38
tZL
6.0
—
—
26
—
33
ns
2.0
—
—
150
—
190
4.5
—
12
30
—
38
Output enable time
tZH
6.0
—
—
26
—
33
ns
2.0
—
—
150
—
190
4.5
—
16
30
—
38
tLZ
6.0
—
—
26
—
33
ns
2.0
—
—
150
—
190
4.5
—
19
30
—
38
Output disable
time
tHZ
6.0
—
—
26
—
33
ns
2.0
—
—
60
—
75
4.5
—
4
12
—
15
Output rise/fall
time
tTLH
tTHL
6.0
—
—
10
—
13
ns
Input capacitance
Cin
—
—
5
10
—
10
pF
Test Circuit
VCC
A1
OPEN
GND
C =
50 pF
G
DIR
B1
Zout = 50
Ω
Input
S1
1 K
Ω
VCC
VCC
VCC
S2
L
Output
TEST
S2
t
/ t
PLH
PHL
OPEN
GND
t
/ t
ZH
HZ
t
/ t
ZL
LZ
Note : 1. CL includes probe and jig capacitance.
2. A2–B2, A3–B3, A4–B4, A5–B5, A6–B6, A7–B7, A8–B8 are identical to above load circuit.
3. S1 is a input / output switch.
Pulse Generator



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com