Electronic Components Datasheet Search
  English  ▼

X  

HD74HC253 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74HC253
Description  Dual 4-to-1-line Data Selectors/Multiplexers (with 3-state outputs)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC253 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74HC253 Datasheet HTML 1Page - Renesas Technology Corp HD74HC253 Datasheet HTML 2Page - Renesas Technology Corp HD74HC253 Datasheet HTML 3Page - Renesas Technology Corp HD74HC253 Datasheet HTML 4Page - Renesas Technology Corp HD74HC253 Datasheet HTML 5Page - Renesas Technology Corp HD74HC253 Datasheet HTML 6Page - Renesas Technology Corp HD74HC253 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.2.00 Jan 31, 2006 page 1 of 6
HD74HC253
Dual 4-to-1-line Data Selectors/Multiplexers (with 3-state outputs)
REJ03D0600–0200
(Previous ADE-205-477)
Rev.2.00
Jan 31, 2006
Description
The large output drive and 3-state features of this device make it ideally suited for interfacing with bus lines in bus
organized systems. When the output control input is taken high, the multiplexer outputs are sent into a high impedance
state.
When the output control is held low, the associated multiplexer chooses the correct output channel for the given input
signals determined by the select A and B inputs.
Features
• High Speed Operation: t
pd (Data to Y) = 18 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC253P
DILP-16 pin
PRDP0016AE-B
(DP-16FV)
P
—
HD74HC253FPEL
SOP-16 pin (JEITA)
PRSP0016DH-B
(FP-16DAV)
FP
EL (2,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Function Table
Inputs
Select
Data
Output Control
Output
B
A
C0
C1
C2
C3
G
Y
X
X
H
Z
L
L
L
D0
L
L
L
D1
L
H
L
D2
L
H
L
D3
H
L
L
D4
H
L
L
D5
H
H
L
D6
H
H
L
D7
Notes: 1. H: high level, L: low level, X: irrelevant
2. Z; high impedance (off-state)
3. Address inputs A and B are common to both sections.


Similar Part No. - HD74HC253

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC253 HITACHI-HD74HC253 Datasheet
33Kb / 6P
Dual 4-to-1-line Data Selectors/Multiplexers (with 3-state outputs)
More results

Similar Description - HD74HC253

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS253 TI-SN54ALS253 Datasheet
112Kb / 7P
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F253 TI-SN54F253 Datasheet
97Kb / 7P
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HC253 TI-SN54HC253 Datasheet
122Kb / 8P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54LS253 TI-SN54LS253 Datasheet
635Kb / 14P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC253 HITACHI-HD74HC253 Datasheet
33Kb / 6P
Dual 4-to-1-line Data Selectors/Multiplexers (with 3-state outputs)
HD74HC353 HITACHI-HD74HC353 Datasheet
50Kb / 9P
Dual 4-to-1-line Data Selectors/Multiplexers (with 3-state outputs)
HD74LS253 HITACHI-HD74LS253 Datasheet
73Kb / 7P
Dual 4-line-to-1-line Data Selectors/Multiplexers(with three-state outputs)
logo
Texas Instruments
SN54LS353 TI-SN54LS353 Datasheet
145Kb / 4P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LS253 RENESAS-HD74LS253 Datasheet
176Kb / 6P
Dual 4-line-to-1-line Data Selectors / Multiplexers (with three-state outputs)
logo
Texas Instruments
74ACT11353 TI1-74ACT11353 Datasheet
104Kb / 7P
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com