Electronic Components Datasheet Search
  English  ▼

X  

HD74HC280 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74HC280
Description  9-bit Odd/Even Parity Generator/Checker
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC280 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74HC280 Datasheet HTML 1Page - Renesas Technology Corp HD74HC280 Datasheet HTML 2Page - Renesas Technology Corp HD74HC280 Datasheet HTML 3Page - Renesas Technology Corp HD74HC280 Datasheet HTML 4Page - Renesas Technology Corp HD74HC280 Datasheet HTML 5Page - Renesas Technology Corp HD74HC280 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
HD74HC280
Rev.2.00 Jan 31, 2006 page 4 of 5
Test Circuit
VCC
CL = 50 pF
Zout = 50
Ω
Input
VCC
Output
Σ
ODD
I
G
F
A
H
C
B
CL = 50 pF
Output
Σ
EVEN
D
E
Note : 1. CL includes probe and jig capacitance.
Pulse Generator
Waveforms
• Waveform – 1
Note : 1. Input waveform : PRR
≤ 1 MHz, duty cycle 50%, tr ≤ 6 ns, tf ≤ 6 ns
0 V
VCC
VOH
VOL
tPLH
tPHL
10 %
90 %
50 %
50 %
50 %
50 %
10 %
90 %
tr
tf
tTHL
10 %
90 %
tTLH
10 %
90 %
VOH
VOL
50 %
50 %
tTHL
10 %
90 %
tTLH
10 %
90 %
tPHL
tPLH
Input
Same-phase
output
Inverse-phase
output



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com