Electronic Components Datasheet Search
  English  ▼

X  

HD74HC356 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74HC356
Description  8-to-1-line Data Selector/Multiplexer/Register (with 3-state outputs)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC356 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74HC356 Datasheet HTML 1Page - Renesas Technology Corp HD74HC356 Datasheet HTML 2Page - Renesas Technology Corp HD74HC356 Datasheet HTML 3Page - Renesas Technology Corp HD74HC356 Datasheet HTML 4Page - Renesas Technology Corp HD74HC356 Datasheet HTML 5Page - Renesas Technology Corp HD74HC356 Datasheet HTML 6Page - Renesas Technology Corp HD74HC356 Datasheet HTML 7Page - Renesas Technology Corp HD74HC356 Datasheet HTML 8Page - Renesas Technology Corp HD74HC356 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev.2.00 Jan 31, 2006 page 1 of 8
HD74HC356
8-to-1-line Data Selector/Multiplexer/Register (with 3-state outputs)
REJ03D0614–0200
(Previous ADE-205-493)
Rev.2.00
Jan 31, 2006
Description
This data selectors/multiplexers contain full on-chip binary decoding to select one of eight data sources. The data select
address is stored in transparent latches that are enabled by a low level address on pin 11, Select Control. Data on the 8
input lines is stored in a parallel input/output register which in the HD74HC356 is composed of 8 edge-triggered flip-
flops, clocked by a low to high transition on pin 9, clock. Both true (Y) and complementary (W) 3-state outputs are
available.
Features
• High Speed Operation: t
pd (Clock to W, Y) = 27 ns typ (CL = 50 pF)
• High Output Current: Fanout of 15 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC356FPEL
SOP-20 pin (JEITA)
PRSP0020DD-B
(FP-20DAV)
FP
EL (2,000 pcs/reel)
HD74HC356RPEL
SOP-20 pin (JEDEC)
PRSP0020DC-A
(FP-20DBV)
RP
EL (1,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.


Similar Part No. - HD74HC356

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC356 HITACHI-HD74HC356 Datasheet
65Kb / 10P
8-to-1-line Data Selectors/Multiplexer/Register(with 3-state outputs)
More results

Similar Description - HD74HC356

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC354 HITACHI-HD74HC354 Datasheet
64Kb / 10P
8-to-1-line Data Selectors/Multiplexer Register(with 3-state outputs)
HD74HC356 HITACHI-HD74HC356 Datasheet
65Kb / 10P
8-to-1-line Data Selectors/Multiplexer/Register(with 3-state outputs)
logo
Texas Instruments
CD54HC354 TI-CD54HC354 Datasheet
168Kb / 14P
8-Line to 1-Line Data Selector/Multiplexer/Register With 3-State Outputs
CD54HC354 TI-CD54HC354_07 Datasheet
246Kb / 15P
8-Line to 1-Line Data Selector/Multiplexer/Register With 3-State Outputs
logo
Renesas Technology Corp
HD74HC354 RENESAS-HD74HC354 Datasheet
122Kb / 10P
8-to-1-line Data Selector/Multiplexer/Register (with 3-state outputs)
logo
Texas Instruments
74ACT11257 TI1-74ACT11257_09 Datasheet
425Kb / 13P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
APRIL 1996
74ACT11258 TI1-74ACT11258 Datasheet
89Kb / 5P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
SN74HC253-EP TI1-SN74HC253-EP Datasheet
347Kb / 12P
DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
SN74HC253-Q1 TI1-SN74HC253-Q1 Datasheet
197Kb / 11P
DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
SN74LVC257A-Q1 TI1-SN74LVC257A-Q1 Datasheet
224Kb / 11P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com