Electronic Components Datasheet Search
  English  ▼

X  

HD74HC374 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74HC374
Description  Octal D-type Flip-Flops (with 3-state outputs)/Octal D-type Flip-Flops (with inverted 3-state outputs)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC374 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74HC374 Datasheet HTML 1Page - Renesas Technology Corp HD74HC374 Datasheet HTML 2Page - Renesas Technology Corp HD74HC374 Datasheet HTML 3Page - Renesas Technology Corp HD74HC374 Datasheet HTML 4Page - Renesas Technology Corp HD74HC374 Datasheet HTML 5Page - Renesas Technology Corp HD74HC374 Datasheet HTML 6Page - Renesas Technology Corp HD74HC374 Datasheet HTML 7Page - Renesas Technology Corp HD74HC374 Datasheet HTML 8Page - Renesas Technology Corp HD74HC374 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev.2.00 Mar 30, 2006 page 1 of 8
HD74HC374, HD74HC534
Octal D-type Flip-Flops (with 3-state outputs)
Octal D-type Flip-Flops (with inverted 3-state outputs)
REJ03D0620-0200
(Previous ADE-205-499)
Rev.2.00
Mar 30, 2006
Description
These devices are positive edge triggered flip-flops. The difference between HD74HC374 and HD74HC534 is only
that the former is a true outputs and the latter is a false outputs. Data at the D inputs, meeting the setup and hold time
requirements, are transferred to the Q outputs on positive going transitions of the clock (CK) input. When a high logic
level is applied to the output control (OC) input, all outputs go to a high impedance state, regardless of what signals are
present at the other inputs and the state of the storage elements.
Features
• High Speed Operation: t
pd (Clock to Q) = 18 ns typ (CL = 50 pF)
• High Output Current: Fanout of 15 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC374P
HD74HC534P
DILP-20 pin
PRDP0020AC-B
(DP-20NEV)
P
—
HD74HC374FPEL
HD74HC534FPEL
SOP-20 pin (JEITA)
PRSP0020DD-B
(FP-20DAV)
FP
EL (2,000 pcs/reel)
HD74HC534RPEL
SOP-20 pin (JEDEC)
PRSP0020DC-A
(FP-20DBV)
RP
EL (1,000 pcs/reel)
HD74HC374TELL
TSSOP-20 pin
PTSP0020JB-A
(TTP-20DAV)
T
ELL (2,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Function Table
Output Control
Clock
D
HD74HC374
Q
HD74HC534
Q
L
H
H
L
L
L
L
H
L
L
X
No change
No change
H
X
X
Z
Z
Note:
1. H; High level, L; Low level, X; Irrelevant, Z; High impedance


Similar Part No. - HD74HC374

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC374 HITACHI-HD74HC374 Datasheet
67Kb / 11P
Octal D-type Flip-Flops (with 3-state outputs),Octal D-type Flip-flops (with inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HC374FPEL RENESAS-HD74HC374FPEL Datasheet
139Kb / 11P
Octal D-type Flip-Flops (with 3-state outputs)
HD74HC374P RENESAS-HD74HC374P Datasheet
139Kb / 11P
Octal D-type Flip-Flops (with 3-state outputs)
HD74HC374TELL RENESAS-HD74HC374TELL Datasheet
139Kb / 11P
Octal D-type Flip-Flops (with 3-state outputs)
HD74HC374 RENESAS-HD74HC374_15 Datasheet
139Kb / 11P
Octal D-type Flip-Flops (with 3-state outputs)
More results

Similar Description - HD74HC374

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74BC574A HITACHI-HD74BC574A Datasheet
39Kb / 10P
Octal D Type Flip Flops With 3 State Outputs
HD74HC374 HITACHI-HD74HC374 Datasheet
67Kb / 11P
Octal D-type Flip-Flops (with 3-state outputs),Octal D-type Flip-flops (with inverted 3-state outputs)
HD74HCT374 HITACHI-HD74HCT374 Datasheet
63Kb / 10P
Octal D-type Flip-Flops(with inverted 3-state outputs)
HD74LVC374A HITACHI-HD74LVC374A Datasheet
48Kb / 9P
Octal D-type Flip Flops with 3-state Outputs
logo
Renesas Technology Corp
HD74LV574A RENESAS-HD74LV574A Datasheet
84Kb / 8P
Octal D-type Flip-Flops with 3-state Outputs
HD74LVC534 RENESAS-HD74LVC534 Datasheet
206Kb / 8P
Octal D-type Flip Flops with 3-state Outputs
RD74LVC374B RENESAS-RD74LVC374B Datasheet
109Kb / 9P
Octal D-type Flip Flops with 3-state Outputs
HD74HCT374 RENESAS-HD74HCT374 Datasheet
118Kb / 8P
Octal D-type Flip-Flops (with inverted 3-state outputs)
HD74HCT564 RENESAS-HD74HCT564 Datasheet
121Kb / 9P
Octal D-type Flip-Flops (with 3-state outputs)
HD74HCT534 RENESAS-HD74HCT534_15 Datasheet
136Kb / 10P
Octal D-type Flip-Flops (with 3-state outputs) Octal D-type Flip-Flops (with inverted 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com