Electronic Components Datasheet Search
  English  ▼

X  

HD74HC490 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74HC490
Description  Dual 4-bit Decade Counters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC490 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74HC490 Datasheet HTML 1Page - Renesas Technology Corp HD74HC490 Datasheet HTML 2Page - Renesas Technology Corp HD74HC490 Datasheet HTML 3Page - Renesas Technology Corp HD74HC490 Datasheet HTML 4Page - Renesas Technology Corp HD74HC490 Datasheet HTML 5Page - Renesas Technology Corp HD74HC490 Datasheet HTML 6Page - Renesas Technology Corp HD74HC490 Datasheet HTML 7Page - Renesas Technology Corp HD74HC490 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HD74HC490
Dual 4-bit Decade Counters
ADE-205-507 (Z)
1st. Edition
Sep. 2000
Description
This circuit contains eight master-slave flip-flops and additional gating to implement two individual 4-bit
decade counters. Each decade counter has individual clock, clear and set-to-9 inputs. BCD count
sequences of any length up to divide-by-100 may be implemented with a single HD74HC490. Buffering
on each output is provided to ensure that suceptibility to collector communication is reduced significantly.
The counters have paralle outputs from each counter state so that submultiples of the input count frequency
are available for system timing signals.
Features
• High Speed Operation: t
pd (Clock to QA) = 13 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)
Function Table
Clear/Set-To-9
Inputs
Outputs
Clear
Set-To-9
Q
A
Q
B
Q
C
Q
D
H
LL
LLL
L
H
H
LLH
L
L
Count



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com