Electronic Components Datasheet Search
  English  ▼

X  

HD74HC540 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74HC540
Description  Octal Buffers/Line Drivers (with 3-state outputs)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC540 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74HC540 Datasheet HTML 1Page - Renesas Technology Corp HD74HC540 Datasheet HTML 2Page - Renesas Technology Corp HD74HC540 Datasheet HTML 3Page - Renesas Technology Corp HD74HC540 Datasheet HTML 4Page - Renesas Technology Corp HD74HC540 Datasheet HTML 5Page - Renesas Technology Corp HD74HC540 Datasheet HTML 6Page - Renesas Technology Corp HD74HC540 Datasheet HTML 7Page - Renesas Technology Corp HD74HC540 Datasheet HTML 8Page - Renesas Technology Corp HD74HC540 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev.2.00 Mar 30, 2006 page 1 of 8
HD74HC540, HD74HC541
Octal Buffers/Line Drivers (with 3-state outputs)
REJ03D0628-0200
(Previous ADE-205-508)
Rev.2.00
Mar 30, 2006
Description
The HD74HC540 is an inverting buffer and the HD74HC541 is a non-inverting buffer. The 3-state control gate
operates as a two-input NOR such that if either G1 or G2 are high, all eight outputs are in the high-impedance state.
Features
• High Speed Operation: t
pd = 11.5 ns typ (CL = 50 pF)
• High Output Current: Fanout of 15 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC540P
HD74HC541P
DILP-20 pin
PRDP0020AC-B
(DP-20NEV)
P
—
HD74HC540FPEL
HD74HC541FPEL
SOP-20 pin (JEITA)
PRSP0020DD-B
(FP-20DAV)
FP
EL (2,000 pcs/reel)
HD74HC540RPEL
HD74HC541RPEL
SOP-20 pin (JEDEC)
PRSP0020DC-A
(FP-20DBV)
RP
EL (1,000 pcs/reel)
HD74HC540TELL
HD74HC541TELL
TSSOP-20 pin
PTSP0020JB-A
(TTP-20DAV)
T
ELL (2,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Function Table
Inputs
Output Y
G1
G2
A
HD74HC540
HD74HC541
L
L
L
H
L
L
L
H
L
H
H
X
X
Z
Z
X
H
X
Z
Z
H :
high level
L
:
low level
X :
irrelevant
Z
:
off (high-impedance) state of a 3-state output


Similar Part No. - HD74HC540

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC540 HITACHI-HD74HC540 Datasheet
51Kb / 9P
Octal Buffers/Line Drivers (with 3-state outputs)
logo
Renesas Technology Corp
HD74HC540FPEL RENESAS-HD74HC540FPEL Datasheet
132Kb / 11P
Octal Buffers/Line Drivers (with 3-state outputs)
HD74HC540P RENESAS-HD74HC540P Datasheet
132Kb / 11P
Octal Buffers/Line Drivers (with 3-state outputs)
HD74HC540RPEL RENESAS-HD74HC540RPEL Datasheet
132Kb / 11P
Octal Buffers/Line Drivers (with 3-state outputs)
HD74HC540TELL RENESAS-HD74HC540TELL Datasheet
132Kb / 11P
Octal Buffers/Line Drivers (with 3-state outputs)
More results

Similar Description - HD74HC540

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74BC540A HITACHI-HD74BC540A Datasheet
38Kb / 8P
Octal Buffers/Line Drivers With 3 State Outputs
HD74BC541A HITACHI-HD74BC541A Datasheet
38Kb / 8P
Octal Buffers/Line Drivers With 3 State Outputs
HD74HC540 HITACHI-HD74HC540 Datasheet
51Kb / 9P
Octal Buffers/Line Drivers (with 3-state outputs)
logo
Fairchild Semiconductor
74F240 FAIRCHILD-74F240_04 Datasheet
82Kb / 8P
Octal Buffers/Line Drivers with 3-STATE Outputs
logo
Renesas Technology Corp
HD74LVC240A RENESAS-HD74LVC240A Datasheet
189Kb / 7P
Octal Buffers / Line Drivers with 3-state Outputs
RD74LVC540B RENESAS-RD74LVC540B Datasheet
83Kb / 9P
Octal Buffers / Line Drivers with 3-state Outputs
HD74HCT540 RENESAS-HD74HCT540 Datasheet
112Kb / 9P
Octal Buffers/Line Drivers (with 3-state outputs)
HD74BC244A RENESAS-HD74BC244A Datasheet
120Kb / 9P
Octal Buffers/Line Drivers With 3 State Outputs
HD74HC540 RENESAS-HD74HC540_15 Datasheet
132Kb / 11P
Octal Buffers/Line Drivers (with 3-state outputs)
logo
Texas Instruments
54AC11241 TI1-54AC11241_09 Datasheet
105Kb / 7P
OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com