Electronic Components Datasheet Search
  English  ▼

X  

FS30KM-3 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # FS30KM-3
Description  High-Speed Switching Use Nch Power MOS FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS30KM-3 Datasheet(HTML) 5 Page - Renesas Technology Corp

  FS30KM-3 Datasheet HTML 1Page - Renesas Technology Corp FS30KM-3 Datasheet HTML 2Page - Renesas Technology Corp FS30KM-3 Datasheet HTML 3Page - Renesas Technology Corp FS30KM-3 Datasheet HTML 4Page - Renesas Technology Corp FS30KM-3 Datasheet HTML 5Page - Renesas Technology Corp FS30KM-3 Datasheet HTML 6Page - Renesas Technology Corp FS30KM-3 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FS30KM-3
Rev.2.00
Aug 07, 2006
page 5 of 6
Channel Temperature Tch (°C)
Threshold Voltage vs.
Channel Temperature (Typical)
On-State Resistance vs.
Channel Temperature (Typical)
Channel Temperature Tch (°C)
Transient Thermal Impedance Characteristics
Channel Temperature Tch (°C)
Breakdown Voltage vs.
Channel Temperature (Typical)
Pulse Width tw (s)
Switching Time Measurement Circuit
Switching Waveform
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
90%
10%
tf
Vin Monitor
D.U.T.
RL
VDD
Vout
Monitor
RGEN
RGS
10–1
100
2
3
4
5
7
101
2
3
4
5
7
–50
0
50
100
150
0.4
0.6
0.8
1.0
1.2
1.4
–50
0
50
100
150
0
1.0
2.0
3.0
4.0
5.0
–50
0
50
100
150
10–2
10–1
2
3
5
7
100
2
3
5
7
101
2
3
5
7
102
2
3
5
7
10–423 57
23 57
23 57
23 57100 23 57101 23 57102
10–3
10–2
10–1
Single Pulse
0.5
0.2
0.1
0.05
0.02
0.01
D = 1.0
PDM
tw
D
=
T
tw
T
VGS = 10V
ID = 15A
Pulse Test
VGS = 0V
ID = 1mA
VDS = 10V
ID = 1mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com