Electronic Components Datasheet Search
  English  ▼

X  

FS30KMJ-2 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # FS30KMJ-2
Description  High-Speed Switching Use Nch Power MOS FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS30KMJ-2 Datasheet(HTML) 6 Page - Renesas Technology Corp

  FS30KMJ-2 Datasheet HTML 1Page - Renesas Technology Corp FS30KMJ-2 Datasheet HTML 2Page - Renesas Technology Corp FS30KMJ-2 Datasheet HTML 3Page - Renesas Technology Corp FS30KMJ-2 Datasheet HTML 4Page - Renesas Technology Corp FS30KMJ-2 Datasheet HTML 5Page - Renesas Technology Corp FS30KMJ-2 Datasheet HTML 6Page - Renesas Technology Corp FS30KMJ-2 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
FS30KMJ-2
Rev.2.00
Aug 07, 2006
page 6 of 6
Package Dimensions
2.0g
MASS[Typ.]
PRSS0003AB-A
RENESAS Code
JEITA Package Code
Previous Code
Unit: mm
φ3.2 ± 0.2
2.8 ± 0.2
0.75 ± 0.15
0.75 ± 0.15
2.54 ± 0.25
2.54 ± 0.25
10 ± 0.3
1.1 ± 0.2
1.1 ± 0.2
Package Name
TO-220FN
Order Code
Lead form
Standard packing
Quantity
Standard order code
Standard order
code example
Straight type
Plastic Magazine (Tube)
50
Type name
FS30KMJ-2
Lead form
Plastic Magazine (Tube)
50
Type name – Lead forming code
FS30KMJ-2-A8
Note : Please confirm the specification about the shipping in detail.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com