Electronic Components Datasheet Search
  English  ▼

X  

FS30KMJ-3 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # FS30KMJ-3
Description  High-Speed Switching Use Nch Power MOS FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS30KMJ-3 Datasheet(HTML) 2 Page - Renesas Technology Corp

  FS30KMJ-3 Datasheet HTML 1Page - Renesas Technology Corp FS30KMJ-3 Datasheet HTML 2Page - Renesas Technology Corp FS30KMJ-3 Datasheet HTML 3Page - Renesas Technology Corp FS30KMJ-3 Datasheet HTML 4Page - Renesas Technology Corp FS30KMJ-3 Datasheet HTML 5Page - Renesas Technology Corp FS30KMJ-3 Datasheet HTML 6Page - Renesas Technology Corp FS30KMJ-3 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FS30KMJ-3
Rev.2.00
Aug 07, 2006
page 2 of 6
Electrical Characteristics
(Tch = 25°C)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain-source breakdown voltage
V(BR)DSS
150
—
—
V
ID = 1 mA, VGS = 0 V
Gate-source leakage current
IGSS
—
—
±0.1
µA
VGS =
±20 V, VDS = 0 V
Drain-source leakage current
IDSS
—
—
0.1
mA
VDS = 150 V, VGS = 0 V
Gate-source threshold voltage
VGS(th)
1.0
1.5
2.0
V
ID = 1 mA, VDS = 10 V
Drain-source on-state resistance
rDS(ON)
—
66
86
m
Ω
ID = 15 A, VGS = 10 V
Drain-source on-state resistance
rDS(ON)
—
69
90
m
Ω
ID = 15 A, VGS = 4 V
Drain-source on-state voltage
VDS(ON)
—
0.99
1.29
V
ID = 15 A, VGS = 10 V
Forward transfer admittance
| yfs |
—
38
—
S
ID = 15 A, VDS = 10 V
Input capacitance
Ciss
—
3000
—
pF
Output capacitance
Coss
—
320
—
pF
Reverse transfer capacitance
Crss
—
160
—
pF
VDS = 10 V, VGS = 0 V,
f = 1MHz
Turn-on delay time
td(on)
—
22
—
ns
Rise time
tr
—
42
—
ns
Turn-off delay time
td(off)
—
280
—
ns
Fall time
tf
—
130
—
ns
VDD = 80 V, ID = 15 A,
VGS = 10 V,
RGEN = RGS = 50
Ω
Source-drain voltage
VSD
—
1.0
1.5
V
IS = 15 A, VGS = 0 V
Thermal resistance
Rth(ch-c)
—
—
4.17
°C/W
Channel to case
Reverse recovery time
trr
—
100
—
ns
IS = 30 A, dis/dt = – 100 A/
µs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com