Electronic Components Datasheet Search
  English  ▼

X  

AD9958BCPZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9958BCPZ
Description  2-Channel, 500 MSPS DDS with 10-Bit DACs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9958BCPZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9958BCPZ Datasheet HTML 18Page - Analog Devices AD9958BCPZ Datasheet HTML 19Page - Analog Devices AD9958BCPZ Datasheet HTML 20Page - Analog Devices AD9958BCPZ Datasheet HTML 21Page - Analog Devices AD9958BCPZ Datasheet HTML 22Page - Analog Devices AD9958BCPZ Datasheet HTML 23Page - Analog Devices AD9958BCPZ Datasheet HTML 24Page - Analog Devices AD9958BCPZ Datasheet HTML 25Page - Analog Devices AD9958BCPZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
AD9958
Rev. A | Page 22 of 44
In modulation mode, the amplitude frequency phase (AFP)
select bits (CFR[23:22]) and modulation level bits (FR1[9:8])
are programmed to configure the modulation type and level
(see Table 6 and Table 7). Note that the linear sweep enable bit
must be set to Logic 0 in direct modulation mode.
Table 6. Modulation Type Configuration
AFP Select
(CFR[23:22])
Linear Sweep Enable
(CFR[14])
Description
00
X
Modulation disabled
01
0
Amplitude modulation
10
0
Frequency modulation
11
0
Phase modulation
Table 7. Modulation Level Selection
Modulation Level (FR1[9:8])
Description
00
Two-level modulation
01
Four-level modulation
10
Eight-level modulation
11
16-level modulation
When modulating, the RU/RD function can be limited based
on pins available for controlling the feature. The SDIO_x pins
are for RU/RD only, not for modulation.
Table 8. RU/RD Profile Pin Assignments
Ramp-Up/Ramp-Down
(RU/RD) (FR1[11:10])
Description
00
RU/RD disabled
01
Only Profile Pin P2 and Profile Pin P3
available for RU/RD operation
10
Only Profile Pin P3 available for RU/RD
operation
11
Only SDIO_1, SDIO_2, and SDIO_3
pins available for RU/RD operation;
this forces the serial I/O to be used
only in 1-bit mode
If the profile pins are used for RU/RD, Logic 0 is for ramp-up
and Logic 1 is for ramp-down.
Because of the two channels and limited data pins, it is
necessary to assign the profile pins and/or SDIO_1, SDIO_2,
and SDIO_3 pins to a dedicated channel. This is controlled by
the profile pin configuration (PPC) bits (FR1[14:12]). Each of the
following modulation descriptions incorporates data pin
assignments.
Two-Level Modulation—No RU/RD
The modulation level bits (FR1[9:8]) are set to 00 (two-level).
The AFP select bits (CFR[23:22]) are set to the desired modulation
type. The RU/RD bits (FR1[11:10]) and the linear sweep enable
bit (CFR[14]) are disabled. Table 9 displays how the profile pins
and channels are assigned.
As shown in Table 9, only Profile Pin P2 can be used to modulate
Channel 0. If frequency modulation is selected and Profile Pin P2
is Logic 0, Channel Frequency Tuning Word 0 (Register 0x04) is
chosen; if Profile Pin P2 is Logic 1, Channel Word 1 (Register
0x0A) is chosen.
Four-Level Modulation—No RU/RD
The modulation level bits are set to 01 (four-level). The AFP
select bits (CFR[23:22]) are set to the desired modulation type.
The RU/RD bits (FR1[11:10]) and the linear sweep enable bit
(CFR[14]) are disabled. Table 10 displays how the profile pins
and channels are assigned to each other.
For the conditions in Table 10, the profile (channel word)
register chosen is based on the 2-bit value presented to Profile
Pins [P0:P1] or Profile Pins [P2:P3].
For example, if PPC = 101, [P0:P1] = 11, and [P2:P3] = 01, then
the contents of the Channel Word 3 register of Channel 0 are
presented to the output of Channel 0 and the contents of the
Channel Word 1 register of Channel 1 are presented to the
output of Channel 1.
Table 9. Profile Pin Channel Assignments
Profile Pin Configuration (PPC) (FR1[14:12])
P0
P1
P2
P3
Description
XXX
N/A
N/A
CH0
CH1
Two-level modulation, both channels, no RU/RD
Table 10. Profile Pin and Channel Assignments
Profile Pin Configuration (PPC) (FR1[14:12])
P0
P1
P2
P3
Description
101
CH0
CH0
CH1
CH1
Four-level modulation on CH0 and CH1, no RU/RD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com