Electronic Components Datasheet Search
  English  ▼

X  

2N5883 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # 2N5883
Description  POWER TRANSISTORS(25A,200W)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2N5883 Datasheet(HTML) 1 Page - Mospec Semiconductor

  2N5883 Datasheet HTML 1Page - Mospec Semiconductor 2N5883 Datasheet HTML 2Page - Mospec Semiconductor 2N5883 Datasheet HTML 3Page - Mospec Semiconductor 2N5883 Datasheet HTML 4Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
A


Similar Part No. - 2N5883

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N5883 BOCA-2N5883 Datasheet
190Kb / 4P
COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
logo
List of Unclassifed Man...
2N5883 ETC-2N5883 Datasheet
347Kb / 8P
Power Transistors
logo
ON Semiconductor
2N5883 ONSEMI-2N5883 Datasheet
94Kb / 6P
Complementary Silicon High?뭁ower Transistors
March, 2006 ??Rev. 11
logo
Savantic, Inc.
2N5883 SAVANTIC-2N5883 Datasheet
113Kb / 3P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2N5883 JMNIC-2N5883 Datasheet
126Kb / 3P
Silicon PNP Power Transistors
More results

Similar Description - 2N5883

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N4398 MOSPEC-2N4398 Datasheet
158Kb / 4P
POWER TRANSISTORS(200W)
2N5301 MOSPEC-2N5301 Datasheet
178Kb / 4P
POWER TRANSISTORS(200W)
2N6338 MOSPEC-2N6338 Datasheet
128Kb / 3P
POWER TRANSISTOR(25A,200W)
2N6436 MOSPEC-2N6436 Datasheet
191Kb / 4P
POWER TRANSISTORS(25A,200W)
2SA1216 MOSPEC-2SA1216 Datasheet
117Kb / 3P
POWER TRANSISTORS(17A,180V,200W)
2SA1295 MOSPEC-2SA1295 Datasheet
117Kb / 3P
POWER TRANSISTORS(17A,230V,200W)
2SC3264 MOSPEC-2SC3264 Datasheet
127Kb / 3P
POWER TRANSISTORS(17A,230V,200W)
2SD1313 MOSPEC-2SD1313 Datasheet
121Kb / 3P
POWER TRANSISTORS(25A,350V,200W)
MJ4502 MOSPEC-MJ4502 Datasheet
101Kb / 3P
POWER TRANSISTORS(30A,100V,200W)
MJ802 MOSPEC-MJ802 Datasheet
111Kb / 3P
POWER TRANSISTORS(30A,100V,200W)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com