Electronic Components Datasheet Search
  English  ▼

X  

HAT1097R Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HAT1097R
Description  Silicon P Channel Power MOS FET High Speed Power Switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT1097R Datasheet(HTML) 2 Page - Renesas Technology Corp

  HAT1097R Datasheet HTML 1Page - Renesas Technology Corp HAT1097R Datasheet HTML 2Page - Renesas Technology Corp HAT1097R Datasheet HTML 3Page - Renesas Technology Corp HAT1097R Datasheet HTML 4Page - Renesas Technology Corp HAT1097R Datasheet HTML 5Page - Renesas Technology Corp HAT1097R Datasheet HTML 6Page - Renesas Technology Corp HAT1097R Datasheet HTML 7Page - Renesas Technology Corp HAT1097R Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HAT1097R, HAT1097RJ
Rev.1.00, Feb.15.2005, page 2 of 7
Electrical Characteristics
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V(BR)DSS
–60
—
—
V
ID = –10 mA, VGS = 0
Gate to Source breakdown voltage
V(BR)GSS
±20
—
—
V
IG =
±100 µA, VDS = 0
Zero gate voltage drain current
IDSS
—
—
–1
µA
VDS = –60 V, VGS = 0
HAT1097R
IDSS
—
—
—
µA
Zero gate voltage
drain current
HAT1055RJ
IDSS
—
—
–10
µA
VDS = –48 V, VGS = 0
Ta = 125
°C
Gate to source leak current
IGSS
—
—
±10
µA
VGS =
±16 V, VDS = 0
Gate to source cutoff voltage
VGS(off)
–1.0
—
–2.5
V
VDS = –10 V, ID = –1 mA
Forward transfer admittance
|yfs|
3
5
—
S
ID = –2.5 A
Note4, V
DS = –10 V
RDS(on)
—
60
76
m
Ω
ID = –2.5 A
Note4, V
GS = –10 V
Static drain to source on state
resistance
RDS(on)
—
90
130
m
Ω
ID = –2.5 A
Note4, V
GS = –4.5 V
Input capacitance
Ciss
—
1350
—
pF
Output capacitance
Coss
—
135
—
pF
Reverse transfer capacitance
Crss
—
85
—
pF
VDS = –10 V, VGS = 0
f = 1 MHz
Total gate charge
Qg
—
21
—
nC
Gate to source charge
Qgs
—
3
—
nC
Gate to drain charge
Qgd
—
4
—
nC
VDD = –25 V
VGS = –10 V
ID = –5 A
Turn-on delay time
td(on)
—
20
—
ns
Rise time
tr
—
15
—
ns
Turn-off delay time
td(off)
—
55
—
ns
Fall time
tf
—
10
—
ns
VGS = –10 V, ID= –2.5 A
VDD
≅ –30 V
RL = 12
Ω
RG = 4.7
Ω
Body-drain diode forward voltage
VDF
—
–0.85
–1.10
V
IF = –5 A, VGS = 0
Note4
Body-drain diode reverse recovery
time
trr
—
25
—
ns
IF = –5 A, VGS = 0
diF/dt = 100 A/
µs
Notes: 4. Pulse test



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com