Electronic Components Datasheet Search
  English  ▼

X  

HA12216F Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HA12216F
Description  Audio Signal Processor for Car Deck (Decode only Dolby B type NR with PB Amp.)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA12216F Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HA12216F Datasheet HTML 17Page - Renesas Technology Corp HA12216F Datasheet HTML 18Page - Renesas Technology Corp HA12216F Datasheet HTML 19Page - Renesas Technology Corp HA12216F Datasheet HTML 20Page - Renesas Technology Corp HA12216F Datasheet HTML 21Page - Renesas Technology Corp HA12216F Datasheet HTML 22Page - Renesas Technology Corp HA12216F Datasheet HTML 23Page - Renesas Technology Corp HA12216F Datasheet HTML 24Page - Renesas Technology Corp HA12216F Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
HA12216F/HA12221F Series
Rev.6.00 Jun 15, 2005 page 21 of 52
Frequency (Hz)
Decode Cut vs. Frequency (HA12216F)
0
−4
−8
−6
−2
−10
−12
100
1k
10k
20k
0dB
−10dB
−40dB
−30dB
−20dB
Total Harmonic Distortion vs. Frequency (HA12216F) (1)
1
0.01
0.1
0.001
Frequency (Hz)
100
1k
10k
20k
VCC = 9.0V
TAI
→PBOUT
NR-ON
0dB
10dB
−10dB
VCC = 9.0V
TAI
→PBOUT
NR-OFF
30kHz LPF
400Hz HPF
+
30kHz LPF
400Hz HPF
+
80kHz LPF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com