Electronic Components Datasheet Search
  English  ▼

X  

HA12227F Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HA12227F
Description  Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA12227F Datasheet(HTML) 2 Page - Renesas Technology Corp

  HA12227F Datasheet HTML 1Page - Renesas Technology Corp HA12227F Datasheet HTML 2Page - Renesas Technology Corp HA12227F Datasheet HTML 3Page - Renesas Technology Corp HA12227F Datasheet HTML 4Page - Renesas Technology Corp HA12227F Datasheet HTML 5Page - Renesas Technology Corp HA12227F Datasheet HTML 6Page - Renesas Technology Corp HA12227F Datasheet HTML 7Page - Renesas Technology Corp HA12227F Datasheet HTML 8Page - Renesas Technology Corp HA12227F Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 84 page
background image
HA12226F/HA12227F
Rev.6.00 Jun 15, 2005 page 2 of 83
Ordering Information
Operating Voltage
Product
Power Supply Range (Single Supply)
HA12226F
11.0 V to 15.0 V
HA12227F
9.5 V to 15.0 V
Standard Level
Product
Package Code
PB-OUT Level
REC-OUT Level
Dolby Level
HA12226F
FP-56A
580 mVrms
300 mVrms
300 mVrms
HA12227F
Function
Product
Dolby B-NR
REC-EQ
Music Sensor
Pass Amp.
REC / PB
Selection
ALC
HA12226F
❍
❍
❍
❍
❍
❍
HA12227F
×
❍
❍
❍
❍
❍
Note: Depending on the employed REC / PB head and test tape characteristics, there is a rare case that the REC-EQ
characteristics of this LSI can not be matched to the required characteristics because of built-in resistors which
determined the REC-EQ parameters in this case, please inquire the responsible agent because the adjustment
built-in resistor is necessary.
Difference of HA12215F and HA12226F/HA12227F
Tape Correspondence
Product
Supply Voltage
NORM
CROM
METAL
HA12226F/HA12227F
Single supply voltage
❍
❍
×
HA12215F
Split supply voltage
❍
❍
❍
Note: The HA12226F/HA12227F became single power supply for the HA12215F and deleted metal correspondence.
The HA12227F is not built-in Dolby B-NR.
Other characteristic aspects are similar as the HA12215F.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com