Electronic Components Datasheet Search
  English  ▼

X  

HA12222F Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HA12222F
Description  Audio Signal Processor for Car Deck (Decode only Dolby B type NR with PB Amp.)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA12222F Datasheet(HTML) 2 Page - Renesas Technology Corp

  HA12222F Datasheet HTML 1Page - Renesas Technology Corp HA12222F Datasheet HTML 2Page - Renesas Technology Corp HA12222F Datasheet HTML 3Page - Renesas Technology Corp HA12222F Datasheet HTML 4Page - Renesas Technology Corp HA12222F Datasheet HTML 5Page - Renesas Technology Corp HA12222F Datasheet HTML 6Page - Renesas Technology Corp HA12222F Datasheet HTML 7Page - Renesas Technology Corp HA12222F Datasheet HTML 8Page - Renesas Technology Corp HA12222F Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
HA12216F/HA12221F Series
Rev.6.00 Jun 15, 2005 page 2 of 52
Ordering Information
Operating Voltage
Product
Min
Max
Unit
HA12216F/HA12221F
6.5
12
V
HA12217F/HA12222F
6.8
12
V
HA12218F/HA12223F
7.2
12
V
Notes: 1. These ICs are designed to operate on single supply.
2. HA12217F and HA12218F, HA12222F and HA12223F are develop, there meets comply with your demands.
Standard Level
Product
Package Code (Previous Code)
PB-OUT Level
HA12216F/HA12221F
PLQP0040JB-A (FP-40B)
300 mVrms
HA12217F/HA12222F
PLQP0040JB-A (FP-40B)
387.5 mVrms
HA12218F/HA12223F
PLQP0040JB-A (FP-40B)
450 mVrms
Function
Product
PB-EQ
Music Sensor
Mute
Dolby B NR
HA12216F series
❍
❍
❍
❍
HA12221F series
❍
❍
❍
×
Parallel-Data Format
Pin No.
Pin Name
Lo
Hi
10
TAPE/RADIO
TAPE
RADIO
11*
NR ON/OFF
NR OFF
NR ON
12
120
µ/70 µ
120
µ (Normal)
70
µ (Metal or Chrome)
13
Forward/Reverse
Forward
Reverse
14
Search/Repeat
Search (FF or REV)
Repeat (Normal Speed)
Note:
Non connection regarding HA12221F series.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com