Electronic Components Datasheet Search
  English  ▼

X  

HA1631S02LP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HA1631S02LP
Description  Single CMOS Comparator (Push Pull/Open Drain Output)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA1631S02LP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HA1631S02LP Datasheet HTML 9Page - Renesas Technology Corp HA1631S02LP Datasheet HTML 10Page - Renesas Technology Corp HA1631S02LP Datasheet HTML 11Page - Renesas Technology Corp HA1631S02LP Datasheet HTML 12Page - Renesas Technology Corp HA1631S02LP Datasheet HTML 13Page - Renesas Technology Corp HA1631S02LP Datasheet HTML 14Page - Renesas Technology Corp HA1631S02LP Datasheet HTML 15Page - Renesas Technology Corp HA1631S02LP Datasheet HTML 16Page - Renesas Technology Corp HA1631S02LP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
HA1631S01/02/03/04 Series
Rev.2.00 Mar 10, 2006 page 13 of 22
7.0
0.0
0123456
–50
–25
0
25
50
75
100
0123456
1.0
2.0
3.0
4.0
5.0
6.0
10.0
0.0
2.5
5.0
7.5
7.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Ta = 25°C
VIN+ = 1.0V
VIN– = 0.0V
VDD = 5.0V
VDD = 3.0V
VDD = 1.8V
Ta = 25°C
VIN+ = 0.0V
VIN– = 1.0V
0
10203040
3.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Ta = 25°C
VDD = 3.0V
Supply Voltage VDD (V)
Supply Voltage VDD (V)
Figure 3-1 HA1631S03
Supply Current vs. Supply Voltage
(Output High)
Figure 3-3 HA1631S03
Supply Current vs. Ambient Temperature
Figure 3-2 HA1631S03
Supply Current vs. Supply Voltage
(Output Low)
Ambient Temperature Ta (°C)
Figure 3-4 HA1631S03
Output Low Voltage vs. Output Sink Current
Output Sink Current IOSINK (mA)
4
–4
0123456
–3
–2
–1
0
1
2
3
Ta = 25°C
VIN = VDD/2
Supply Voltage VDD (V)
Figure 3-5 HA1631S03
Input Offset Voltage vs. Supply Voltage
4
–4
–3
–2
–1
0
1
2
3
–50
–25
0
25
50
75
100
VDD = 1.8V, VIN = 0.9V
VDD = 3.0V, VIN = 1.5V
VDD = 5.0V, VIN = 2.5V
Figure 3-6 HA1631S03
Input Offset Voltage vs. Ambient Temperature
Ambient Temperature Ta (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com