Electronic Components Datasheet Search
  English  ▼

X  

HA1631S04LP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HA1631S04LP
Description  Single CMOS Comparator (Push Pull/Open Drain Output)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA1631S04LP Datasheet(HTML) 3 Page - Renesas Technology Corp

  HA1631S04LP Datasheet HTML 1Page - Renesas Technology Corp HA1631S04LP Datasheet HTML 2Page - Renesas Technology Corp HA1631S04LP Datasheet HTML 3Page - Renesas Technology Corp HA1631S04LP Datasheet HTML 4Page - Renesas Technology Corp HA1631S04LP Datasheet HTML 5Page - Renesas Technology Corp HA1631S04LP Datasheet HTML 6Page - Renesas Technology Corp HA1631S04LP Datasheet HTML 7Page - Renesas Technology Corp HA1631S04LP Datasheet HTML 8Page - Renesas Technology Corp HA1631S04LP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
HA1631S01/02/03/04 Series
Rev.2.00 Mar 10, 2006 page 3 of 22
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Remarks
Supply voltage
VDD
7.0
V
Differential input voltage
VIN(diff)
–VDD to +VDD
V
Note 1
Input voltage
VIN
0.1 to +VDD
V
Output current
IOUT
28
mA
Note 2
Power dissipation
PT
80/120
mW
CMPAK-5/MPAK-5
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–55 to +125
°C
Notes: 1. Do not apply input voltage exceeding VDD or 7 V.
2. The maximum output current is the maximum allowable value for continuous operation.
Electrical Characteristics
(Ta = 25°C, VDD = 3.0 V, VSS = 0 V)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Input offset voltage
VIO
—
—
5
mV
VIN = VDD/2, RL = 1M
Ω
Input bias current
IIB
—
(1)
100
pA
VIN = VDD/2
Input offset current
IIO
—
(1)
100
pA
VIN = VDD/2
Common mode input voltage range
VCM
–0.1
—
2.1
V
HA1631S01/03
—
5
10
µA
Supply current
HA1631S02/04
IDD
—
50
100
µA
VDD = 3V, VIN+ = 1V,
VIN– = 0V
HA1631S01
TPLH
—
(1.20)
—
µs
HA1631S01/03
TPHL
—
(0.55)
—
µs
HA1631S01
tr
—
(24)
—
ns
HA1631S01/03
tf
—
(7)
—
ns
HA1631S02
TPLH
—
(0.33)
—
µs
HA1631S02/04
TPHL
—
(0.17)
—
µs
HA1631S02
tr
—
(12)
—
ns
Response time
HA1631S02/04
tf
—
(7)
—
ns
1V DC bias,
100mV overdrive,
CL = 15pF
Output source current
(HA1631S01/02)
IOSOURCE
6
13
—
mA
Vout = 2.5V
Output sink current
IOSINK
7
14
—
mA
Vout = 0.5V
HA1631S01/03
60
80
—
dB
Common mode
rejection ratio
HA1631S02/04
CMRR
50
70
—
dB
VIN1 = 0V, VIN2 = 2V
Power supply rejection ratio
PSRR
60
80
—
dB
VDD1 = 1.8V, VDD2 = 5.5V
Output voltage high
VOH
VDD–0.1
—
—
V
RL = 10k
Ω to VSS
Output voltage low
VOL
—
—
0.1
V
RL = 10k
Ω to VDD
Output leakage current
(Only for HA1631S03/04)
ILO
—
(0.1)
—
nA
VIN+ = 1V, VIN– = 0V,
VO = 3V
Operating voltage range
Vopr
1.8
—
5.5
V
Note:
( ): Design specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com