Electronic Components Datasheet Search
  English  ▼

X  

HAT2116H Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HAT2116H
Description  Silicon N Channel Power MOS FET Power Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2116H Datasheet(HTML) 2 Page - Renesas Technology Corp

  HAT2116H Datasheet HTML 1Page - Renesas Technology Corp HAT2116H Datasheet HTML 2Page - Renesas Technology Corp HAT2116H Datasheet HTML 3Page - Renesas Technology Corp HAT2116H Datasheet HTML 4Page - Renesas Technology Corp HAT2116H Datasheet HTML 5Page - Renesas Technology Corp HAT2116H Datasheet HTML 6Page - Renesas Technology Corp HAT2116H Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HAT2116H
Rev.4.00 Sep 07, 2005 page 2 of 6
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Drain to source voltage
VDSS
30
V
Gate to source voltage
VGSS
±20
V
Drain current
ID
30
A
Drain peak current
ID (pulse)
Note 1
120
A
Body-drain diode reverse drain current
IDR
30
A
Channel dissipation
Pch
Note 2
15
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1%
2. Tc = 25
°C
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V (BR) DSS
30
—
—
V
ID = 10 mA, VGS = 0
Gate to source breakdown voltage
V (BR) GSS
±20
—
—
V
IG =
±100 µA, VDS = 0
Gate to source leak current
IGSS
—
—
±10
µA
VGS =
±16 V, VDS = 0
Zero gate voltage drain current
IDSS
—
—
1
µA
VDS = 30 V, VGS = 0
Gate to source cutoff voltage
VGS (off)
1.0
—
2.5
V
VDS = 10 V, ID = 1 mA
RDS (on)
—
6.3
8.2
m
Ω
ID = 15 A, VGS = 10 V
Note 3
Static drain to source on state resistance
RDS (on)
—
10.5
15.3
m
Ω
ID = 15 A, VGS = 4.5 V
Note 3
Forward transfer admittance
|yfs|
27
45
—
S
ID = 15 A, VDS = 10 V
Note 3
Input capacitance
Ciss
—
1650
—
pF
Output capacitance
Coss
—
400
—
pF
Reverse transfer capacitance
Crss
—
220
—
pF
VDS = 10 V
VGS = 0
f = 1 MHz
Total gate charge
Qg
—
26
—
nC
Gate to source charge
Qgs
—
5
—
nC
Gate to drain charge
Qgd
—
5
—
nC
VDD = 10 V
VGS = 10 V
ID = 30 A
Turn-on delay time
td (on)
—
15
—
ns
Rise time
tr
—
55
—
ns
Turn-off delay time
td (off)
—
48
—
ns
Fall time
tf
—
11
—
ns
VGS = 10 V, ID = 15 A
VDD
≅ 10 V
RL = 0.5
Ω
Rg = 4.7
Ω
Body-drain diode forward voltage
VDF
—
0.85
1.11
V
IF = 30 A, VGS = 0
Note 3
Body-drain diode reverse recovery time
trr
—
60
—
ns
IF = 30 A, VGS = 0
diF/dt = 50 A/
µs
Note:
3. Pulse test



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com