Electronic Components Datasheet Search
  English  ▼

X  

STW10NB60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW10NB60
Description  N - CHANNEL 600V - 0.69ohm - 10A - TO-247 PowerMESH MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW10NB60 Datasheet(HTML) 1 Page - STMicroelectronics

  STW10NB60 Datasheet HTML 1Page - STMicroelectronics STW10NB60 Datasheet HTML 2Page - STMicroelectronics STW10NB60 Datasheet HTML 3Page - STMicroelectronics STW10NB60 Datasheet HTML 4Page - STMicroelectronics STW10NB60 Datasheet HTML 5Page - STMicroelectronics STW10NB60 Datasheet HTML 6Page - STMicroelectronics STW10NB60 Datasheet HTML 7Page - STMicroelectronics STW10NB60 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STW10NB60
N - CHANNEL 600V - 0.69
Ω - 10A - TO-247
PowerMESH
™ MOSFET
s
TYPICAL RDS(on) = 0.69
Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
Using the latest high voltage MESH OVERLAY
™
process, STMicroelectronics has designed an
advanced family
of
power MOSFETs with
outstanding performances. The
new
patent
pending strip layout coupled with the Company’s
proprietary edge termination structure, gives the
lowest RDS(on) per area, exceptional avalanche
and dv/dt capabilities and unrivalled gate charge
and switching characteristics.
APPLICATIONS
s
SWITCH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
s
HIGH CURRENT, HIGH SPEED SWITCHING
®
INTERNAL SCHEMATIC DIAGRAM
October 1998
1
2
3
TO-247
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Un it
VDS
Drain-source Voltage (VGS = 0)
600
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)
600
V
VGS
G ate-source Volt age
± 30
V
ID
Drain Current (continuous) at Tc =25
oC10
A
ID
Drain Current (continuous) at Tc =100
oC6.2
A
IDM (
•)
Drain Current (pulsed)
40
A
Ptot
T otal Dissipat ion at Tc =25
oC
160
W
Derating Factor
1.28
W /
o C
dv/dt( 1)
Peak Diode Recovery voltage slope
4.5
V/ns
Tstg
Storage Temperature
-65 to 150
o C
Tj
Max. Operating Junction Temperature
150
o C
(
•) Pulse width limited by safe operating area
( 1)ISD
≤10A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
TYPE
VDSS
RDS(on)
ID
ST W10NB60
600 V
< 0.8
Ω
10 A
1/8


Similar Part No. - STW10NB60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW10NB60 ISC-STW10NB60 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW10NB60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW12NB60H STMICROELECTRONICS-STGW12NB60H Datasheet
86Kb / 8P
N-CHANNEL 12A - 600V TO-247 PowerMESH IGBT
Jun-1999
STGW12NB60HD STMICROELECTRONICS-STGW12NB60HD Datasheet
90Kb / 8P
N-CHANNEL 12A - 600V TO-247 PowerMESH IGBT
Jun-1999
STGW20NB60H STMICROELECTRONICS-STGW20NB60H Datasheet
85Kb / 8P
N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
Jun-1999
STGW20NB60HD STMICROELECTRONICS-STGW20NB60HD Datasheet
90Kb / 8P
N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
Jun-1999
STGW30NB60H STMICROELECTRONICS-STGW30NB60H Datasheet
86Kb / 8P
N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
Jun-1999
STGW30NB60HD STMICROELECTRONICS-STGW30NB60HD Datasheet
91Kb / 8P
N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
Jul-1999
STW10NC60 STMICROELECTRONICS-STW10NC60 Datasheet
337Kb / 9P
N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?줚I MOSFET
Feb-2002
STW12NB60 STMICROELECTRONICS-STW12NB60 Datasheet
250Kb / 8P
N-CHANNEL 600V - 0.5ohm - 12A TO-247 PowerMesh?줚I MOSFET
May-2001
STW13NB60 STMICROELECTRONICS-STW13NB60 Datasheet
111Kb / 9P
N - CHANNEL 600V - 0.48ohm - 13A - TO-247/ISOWATT218 PowerMESH MOSFET
Jan-2000
STW16NB60 STMICROELECTRONICS-STW16NB60 Datasheet
252Kb / 8P
N-CHANNEL 600V - 0.3ohm - 16A TO-247 PowerMesh™ MOSFET
Apr-2003
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com