Electronic Components Datasheet Search
  English  ▼

X  

BB301C Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # BB301C
Description  Built in Biasing Circuit MOS FET IC VHF RF Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BB301C Datasheet(HTML) 1 Page - Renesas Technology Corp

  BB301C Datasheet HTML 1Page - Renesas Technology Corp BB301C Datasheet HTML 2Page - Renesas Technology Corp BB301C Datasheet HTML 3Page - Renesas Technology Corp BB301C Datasheet HTML 4Page - Renesas Technology Corp BB301C Datasheet HTML 5Page - Renesas Technology Corp BB301C Datasheet HTML 6Page - Renesas Technology Corp BB301C Datasheet HTML 7Page - Renesas Technology Corp BB301C Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.3.00 Aug 10, 2005 page 1 of 7
BB301C
Built in Biasing Circuit MOS FET IC
VHF RF Amplifier
REJ03G0823-0300
(Previous ADE-208-507A)
Rev.3.00
Aug.10.2005
Features
• Built in Biasing Circuit; To reduce using parts cost & PC board space.
• Low noise characteristics;
(NF = 1.3 dB typ. at f = 200 MHz)
• Withstanding to ESD;
Built in ESD absorbing diode. Withstand up to 200V at C=200pF, Rs=0 conditions.
• Provide mini mold packages; CMPAK-4(SOT-343mod)
Outline
1. Source
2. Gate1
3. Gate2
4. Drain
RENESAS Package code: PTSP0004ZA-A
(Package name: CMPAK-4)
1
4
3
2
Notes :
1.
Marking is “AW–”.
2.
BB301C is individual type number of RENESAS BBFET.


Similar Part No. - BB301C

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BB301C HITACHI-BB301C Datasheet
46Kb / 10P
Build in Biasing Circuit MOS FET IC UHF RF Amplifier
More results

Similar Description - BB301C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TBB1010 RENESAS-TBB1010_06 Datasheet
93Kb / 8P
Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
TBB1016 RENESAS-TBB1016 Datasheet
104Kb / 10P
Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
BB301M RENESAS-BB301M Datasheet
181Kb / 8P
Built in Biasing Circuit MOS FET IC VHF RF Amplifier
BB302M RENESAS-BB302M Datasheet
295Kb / 10P
Built in Biasing Circuit MOS FET IC VHF RF Amplifier
BB304C RENESAS-BB304C Datasheet
217Kb / 10P
Built in Biasing Circuit MOS FET IC VHF RF Amplifier
BB304M RENESAS-BB304M Datasheet
301Kb / 10P
Built in Biasing Circuit MOS FET IC VHF RF Amplifier
BB305C RENESAS-BB305C Datasheet
213Kb / 10P
Built in Biasing Circuit MOS FET IC VHF RF Amplifier
TBB1010 RENESAS-TBB1010_11 Datasheet
120Kb / 8P
Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
TBB1016 RENESAS-TBB1016_11 Datasheet
121Kb / 10P
Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
TBB1016 RENESAS-TBB1016_15 Datasheet
182Kb / 11P
Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com