Electronic Components Datasheet Search
  English  ▼

X  

HAT1065R Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HAT1065R
Description  Silicon P Channel Power MOS FET High Speed Power Switching
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT1065R Datasheet(HTML) 3 Page - Renesas Technology Corp

  HAT1065R Datasheet HTML 1Page - Renesas Technology Corp HAT1065R Datasheet HTML 2Page - Renesas Technology Corp HAT1065R Datasheet HTML 3Page - Renesas Technology Corp HAT1065R Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HAT1065R
Rev.2.00 Apr 04, 2006 page 3 of 3
Package Dimensions
P-SOP8-3.95
× 4.9-1.27
0.085g
MASS[Typ.]
FP-8DAV
PRSP0008DD-D
RENESAS Code
JEITA Package Code
Previous Code
8
5
1
4
bp
Detail F
Terminal cross section
1.27
1.08
0.40
L1
0.60
0.25
x
0.46
0.40
0.34
0.10
bp
b1
c1
0.25
0.20
0.15
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
5.3
4.90
D
3.95
E
0.14
A2
6.20
6.10
5.80
0.25
1.75
A
0.75
Z
L
8°
0°
c
1.27
e
0.1
y
HE
A1
D
*1
*3
x M
bp
e
Z
(Ni/Pd/Au plating)
2.
1. DIMENSIONS "*1(Nom)" AND "*2"
DO NOT INCLUDE MOLD FLASH.
NOTE)
DIMENSION "*3" DOES NOT
INCLUDE TRIM OFFSET.
Index mark
L1
L
Detail F
y
Package Name
SOP-8
Ordering Information
Part Name
Quantity
Shipping Container
HAT1065R-EL-E
2500 pcs
Taping
Note:
For some grades, production may be terminated. Please contact the Renesas sales office to check the state of
production before ordering the product.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com