Electronic Components Datasheet Search
  English  ▼

X  

BB501C Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # BB501C
Description  Built in Biasing Circuit MOS FET IC UHF RF Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BB501C Datasheet(HTML) 3 Page - Renesas Technology Corp

  BB501C Datasheet HTML 1Page - Renesas Technology Corp BB501C Datasheet HTML 2Page - Renesas Technology Corp BB501C Datasheet HTML 3Page - Renesas Technology Corp BB501C Datasheet HTML 4Page - Renesas Technology Corp BB501C Datasheet HTML 5Page - Renesas Technology Corp BB501C Datasheet HTML 6Page - Renesas Technology Corp BB501C Datasheet HTML 7Page - Renesas Technology Corp BB501C Datasheet HTML 8Page - Renesas Technology Corp BB501C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BB501C
Rev.6.00 Aug 10, 2005 page 3 of 9
Main Characteristics
900MHz Power Gain, Noise Figure Test Circuit
Input
Output
C2
C1
L1
L2
L3
L4
S
G1
G2
R1
R2
C3
R3
RFC
C6
C5
C4
D
VG2
VG1
VD
C1, C2
C3
C4 to C6
R1
R2
R3
Variable Capacitor (10pF MAX)
Disk Capacitor (1000pF)
Air Capacitor (1000pF)
47 k
Ω
47 k
Ω
4.7 k
Ω
:
:
:
:
:
:
26
L2 :
18
L4 :
29
L3 :
(
φ1mm Copper wire)
Unit : mm
RFC :
φ1mm Copper wire with enamel 4turns inside dia 6mm
21
L1 :
10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com