Electronic Components Datasheet Search
  English  ▼

X  

STW10NC60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW10NC60
Description  N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?줚I MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW10NC60 Datasheet(HTML) 1 Page - STMicroelectronics

  STW10NC60 Datasheet HTML 1Page - STMicroelectronics STW10NC60 Datasheet HTML 2Page - STMicroelectronics STW10NC60 Datasheet HTML 3Page - STMicroelectronics STW10NC60 Datasheet HTML 4Page - STMicroelectronics STW10NC60 Datasheet HTML 5Page - STMicroelectronics STW10NC60 Datasheet HTML 6Page - STMicroelectronics STW10NC60 Datasheet HTML 7Page - STMicroelectronics STW10NC60 Datasheet HTML 8Page - STMicroelectronics STW10NC60 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
February 2002
STW10NC60
STH10NC60FI
N-CHANNEL 600V - 0.6
Ω - 10A - TO-247/ISOWATT218
PowerMesh™II MOSFET
(1)ISD ≤10A, di/dt ≤100A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
(*) Limited only by Maximum Temperature Allowed
s
TYPICAL RDS(on) = 0.6 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
NEW HIGH VOLTAGE BENCHMARK
s
GATE CHARGE MINIMIZED
DESCRIPTION
The PowerMESH
™II is the evolution of the first
generation of MESH OVERLAY
™. The layout re-
finements introduced greatly improve the Ron*area
figure of merit while keeping the device at the lead-
ing edge for what concerns swithing speed, gate
charge and ruggedness.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVER
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
.
TYPE
VDSS
RDS(on)
ID
STW10NC60
STH10NC60FI
600 V
600 V
< 0.75
Ω
< 0.75
Ω
10 A
10 A (*)
Symbol
Parameter
Value
Unit
STW10NC60
STH10NC60FI
VDS
Drain-source Voltage (VGS = 0)
600
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
600
V
VGS
Gate- source Voltage
±30
V
ID
Drain Current (continuous) at TC = 25°C
10
10 (*)
A
ID
Drain Current (continuous) at TC = 100°C
6.3
6.3 (*)
A
IDM (1)
Drain Current (pulsed)
40
40 (*)
A
PTOT
Total Dissipation at TC = 25°C
160
60
W
Derating Factor
1.28
0.48
W/°C
dv/dt
Peak Diode Recovery voltage slope
3.5
V/ns
VISO
Insulation Withstand Voltage (DC)
-
2500
V
Tstg
Storage Temperature
– 55 to 150
°C
Tj
Max. Operating Junction Temperature
TO-247
ISOWATT218
1
2
3
1
2
3
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STW10NC60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW10NC60 ISC-STW10NC60 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW10NC60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB9NC60 STMICROELECTRONICS-STB9NC60 Datasheet
461Kb / 10P
N-CHANNEL 600V - 0.6ohm - 9A - D2PAK/I2PAK PowerMesh™ I MOSFET
Feb-2002
STQ1HNC60 STMICROELECTRONICS-STQ1HNC60 Datasheet
116Kb / 6P
N-CHANNEL 600V - 7ohm - 0.4A TO-92 PowerMesh™ I MOSFET
Aug-2001
STW10NB60 STMICROELECTRONICS-STW10NB60 Datasheet
93Kb / 8P
N - CHANNEL 600V - 0.69ohm - 10A - TO-247 PowerMESH MOSFET
Oct-1998
STW12NB60 STMICROELECTRONICS-STW12NB60 Datasheet
250Kb / 8P
N-CHANNEL 600V - 0.5ohm - 12A TO-247 PowerMesh?줚I MOSFET
May-2001
STW13NB60 STMICROELECTRONICS-STW13NB60 Datasheet
111Kb / 9P
N - CHANNEL 600V - 0.48ohm - 13A - TO-247/ISOWATT218 PowerMESH MOSFET
Jan-2000
STW15NB50 STMICROELECTRONICS-STW15NB50 Datasheet
110Kb / 9P
N-CHANNEL 500V - 0.33ohm - 14.6A - T0-247/ISOWATT218 PowerMESH MOSFET
Jun-1998
STW16NB60 STMICROELECTRONICS-STW16NB60 Datasheet
252Kb / 8P
N-CHANNEL 600V - 0.3ohm - 16A TO-247 PowerMesh™ MOSFET
Apr-2003
STW18NB40 STMICROELECTRONICS-STW18NB40 Datasheet
142Kb / 7P
N-CHANNEL 400V - 0.19ohm - 18.4A TO-247/ISOWATT218 PowerMESH MOSFET
Jun-2002
STW20NC50 STMICROELECTRONICS-STW20NC50 Datasheet
249Kb / 8P
N-CHANNEL 500V - 0.22ohm - 18.4A TO-247 PowerMesh™ I MOSFET
May-2001
STW8NB90 STMICROELECTRONICS-STW8NB90 Datasheet
311Kb / 9P
N-CHANNEL 900V - 1.1 ohm - 8 A TO-247/ISOWATT218 PowerMesh™ MOSFET
Jul-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com