Electronic Components Datasheet Search
  English  ▼

X  

STW10NC70Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW10NC70Z
Description  N-CHANNEL 700V - 0.58 ohm - 10.6A TO-247 Zener-Protected PowerMESH?줚II MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW10NC70Z Datasheet(HTML) 1 Page - STMicroelectronics

  STW10NC70Z Datasheet HTML 1Page - STMicroelectronics STW10NC70Z Datasheet HTML 2Page - STMicroelectronics STW10NC70Z Datasheet HTML 3Page - STMicroelectronics STW10NC70Z Datasheet HTML 4Page - STMicroelectronics STW10NC70Z Datasheet HTML 5Page - STMicroelectronics STW10NC70Z Datasheet HTML 6Page - STMicroelectronics STW10NC70Z Datasheet HTML 7Page - STMicroelectronics STW10NC70Z Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
Sep 2000
STW10NC70Z
N-CHANNEL 700V - 0.58
Ω - 10.6A TO-247
Zener-Protected PowerMESH™III MOSFET
s
TYPICAL RDS(on) = 0.58 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY GATE-
TO-SOURCE ZENER DIODES
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
The third generation of MESH OVERLAY™ Power
MOSFETs for very high voltage exhibits unsur-
passed on-resistance per unit area while integrating
back-to-back Zener diodes between gate and
source. Such arrangement gives extra ESD capabil-
ity with higher ruggedness performance as request-
ed by a large variety of single-switch applications.
APPLICATIONS
s
SINGLE-ENDED SMPS IN MONITORS,
COMPUTER AND INDUSTRIAL APPLICATION
s
WELDING EQUIPMENT
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
(1)ISD ≤10.6A, di/dt ≤100A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
(*)Limited only by maximum temperature allowed
TYPE
VDSS
RDS(on)
ID
STW10NC70Z
700 V
< 0.75
Ω
10.6 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
700
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
700
V
VGS
Gate- source Voltage
±25
V
ID
Drain Current (continuos) at TC = 25°C
10.6
A
ID
Drain Current (continuos) at TC = 100°C
6.7
A
IDM (q)
Drain Current (pulsed)
42
A
PTOT
Total Dissipation at TC = 25°C
190
W
Derating Factor
1.51
W/°C
IGS
Gate-source Current (*)
±50
mA
VESD(G-S)
Gate source ESD(HBM-C=100pF, R=15K
Ω)
4KV
dv/dt (1)
Peak Diode Recovery voltage slope
3
V/ns
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
TO-247


Similar Part No. - STW10NC70Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW10NC60 STMICROELECTRONICS-STW10NC60 Datasheet
337Kb / 9P
N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?줚I MOSFET
Feb-2002
logo
Inchange Semiconductor ...
STW10NC60 ISC-STW10NC60 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW10NC70Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD2NC70Z STMICROELECTRONICS-STD2NC70Z Datasheet
447Kb / 10P
N-CHANNEL 700V - 4.1ohm - 2.3A DPAK/IPAK Zener-Protected PowerMESH™ III MOSFET
Apr-2001
STP3NC70Z STMICROELECTRONICS-STP3NC70Z Datasheet
324Kb / 10P
N-CHANNEL 700V - 4.1ohm - 2.5A TO-220/TO-220FP Zener-Protected PowerMESH™ II MOSFET
Jun-2001
STW6NC90Z STMICROELECTRONICS-STW6NC90Z Datasheet
243Kb / 8P
N-CHANNEL 900V - 2.1ohm - 5.2A TO-247 Zener-Protected PowerMESH™ III MOSFET
Oct-2000
STW7NC80Z STMICROELECTRONICS-STW7NC80Z Datasheet
248Kb / 8P
N-CHANNEL 800V - 1.5ohm - 6A TO-247 Zener-Protected PowerMESH™ III MOSFET
Jul-2000
STW7NC90Z STMICROELECTRONICS-STW7NC90Z Datasheet
243Kb / 8P
N-CHANNEL 900V - 1.55ohm - 6A TO-247 Zener-Protected PowerMESH™ III MOSFET
May-2001
STW8NC70Z STMICROELECTRONICS-STW8NC70Z Datasheet
240Kb / 8P
N-CHANNEL 700V - 1.1 ohm - 7A TO-247 Zener-Protected PowerMESH™ II MOSFET
May-2001
STW8NC80Z STMICROELECTRONICS-STW8NC80Z Datasheet
263Kb / 8P
N-CHANNEL 700V - 1.1 ohm - 7A TO-247 Zener-Protected PowerMESH™ II MOSFET
Dec-2001
STW8NC90Z STMICROELECTRONICS-STW8NC90Z Datasheet
251Kb / 8P
N-CHANNEL 900V - 1.1 ohm - 7.6A TO-247 Zener-Protected PowerMESH™ II MOSFET
Jul-2000
STW9NC70Z STMICROELECTRONICS-STW9NC70Z Datasheet
248Kb / 8P
N-CHANNEL 700V - 0.90 ohm - 7.5A TO-247 Zener-Protected PowerMESH™ II MOSFET
Mar-2001
STW9NC80Z STMICROELECTRONICS-STW9NC80Z Datasheet
248Kb / 8P
N-CHANNEL 800V - 0.82ohm - 9.4A TO-247 Zener-Protected PowerMESH™ II MOSFET
Sep-2002
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com