Electronic Components Datasheet Search
  English  ▼

X  

HA16117FPB Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HA16117FPB
Description  CMOS Watchdog Timer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16117FPB Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HA16117FPB Datasheet HTML 5Page - Renesas Technology Corp HA16117FPB Datasheet HTML 6Page - Renesas Technology Corp HA16117FPB Datasheet HTML 7Page - Renesas Technology Corp HA16117FPB Datasheet HTML 8Page - Renesas Technology Corp HA16117FPB Datasheet HTML 9Page - Renesas Technology Corp HA16117FPB Datasheet HTML 10Page - Renesas Technology Corp HA16117FPB Datasheet HTML 11Page - Renesas Technology Corp HA16117FPB Datasheet HTML 12Page - Renesas Technology Corp HA16117FPB Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
HA16117F Series
Rev.3.00 Jun 15, 2005 page 9 of 30
2. With a low-frequency P-RUN signal (≈ 13 Hz to 26 Hz)
H
L
H
L
H
L
H
L
H
L
H
L
H
L
H
L
0 V
1.6 V
3.2 V
5 V
0 V
0.9 V
3.6 V
5 V
P-RUN
40 ms (25 Hz)
2T
t1 5 µs
t2
33 ms
Q
A
CF
WD
CR
B
C
When fP-RUN is 13 Hz to 26 Hz, the WD duty (D = 100 × t2/2T) is 25% to 50%. When the WD
duty is 25% or above, multivibrator (power-on and auto-reset circuit) oscillation stops. As a
result, the
RES signal is fixed high.
60 ms
20 ms
RES
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com