Electronic Components Datasheet Search
  English  ▼

X  

HA16150T Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HA16150T
Description  High-Speed Current Mode Push-Pull PWM Control IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16150T Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HA16150T Datasheet HTML 17Page - Renesas Technology Corp HA16150T Datasheet HTML 18Page - Renesas Technology Corp HA16150T Datasheet HTML 19Page - Renesas Technology Corp HA16150T Datasheet HTML 20Page - Renesas Technology Corp HA16150T Datasheet HTML 21Page - Renesas Technology Corp HA16150T Datasheet HTML 22Page - Renesas Technology Corp HA16150T Datasheet HTML 23Page - Renesas Technology Corp HA16150T Datasheet HTML 24Page - Renesas Technology Corp HA16150T Datasheet HTML 25Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
HA16150T/P
Rev.3.00 Jan 30, 2007 page 21 of 24
VREF Output Voltage vs. Ambient Temperature Characteristics
Operating Frequency vs. Ambient Temperature Characteristics
120
100
110
90
80
5.20
5.15
5.10
5.05
5.00
4.95
4.90
4.85
4.80
−50
−25
0
255075
100
Ta (
°C)
125
−50
−25
0
255075
100
Ta (
°C)
125
RT = 27k
Ω
CT = 1000pF
Iref = 1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com