Electronic Components Datasheet Search
  English  ▼

X  

HA16150P Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HA16150P
Description  High-Speed Current Mode Push-Pull PWM Control IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16150P Datasheet(HTML) 2 Page - Renesas Technology Corp

  HA16150P Datasheet HTML 1Page - Renesas Technology Corp HA16150P Datasheet HTML 2Page - Renesas Technology Corp HA16150P Datasheet HTML 3Page - Renesas Technology Corp HA16150P Datasheet HTML 4Page - Renesas Technology Corp HA16150P Datasheet HTML 5Page - Renesas Technology Corp HA16150P Datasheet HTML 6Page - Renesas Technology Corp HA16150P Datasheet HTML 7Page - Renesas Technology Corp HA16150P Datasheet HTML 8Page - Renesas Technology Corp HA16150P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
HA16150T/P
Rev.3.00 Jan 30, 2007 page 2 of 24
Pin Arrangement
(Top view)
1
2
3
4
5
6
7
8
VREF
REMOTE
VCC
OUT2
PGND
OUT1
TDB
SGND
16
15
14
13
12
11
10
9
INP
INM
EOUT
CSLIM
CS
RT
CT
SS
Pin Functions
Pin No.
Pin Name
Pin Functions
1
INP
Error amplifier non-inverted (+) input
2
INM
Error amplifier inverted (–) input
3
EOUT
Error amplifier output
4
CSLIM
Current limiter level adjustment
5
CS
Current sense signal input
6
RT
Operating frequency setting resistance connection
7
CT
Operating frequency setting capacitance connection
8
SS
Soft start time setting timing capacitance connection
9
SGND
Small signal system ground
10
TDB
Dead band time setting timing capacitance connection
11
OUT1
Power MOS FET driver output 1
12
PGND
Power system ground
13
OUT2
Power MOS FET driver output 2
14
VCC
Supply voltage
15
REMOTE
Remote on/off control
16
VREF
Reference voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com